Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 87 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 87 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 83Page - Dallas Semiconductor DS80C400 Datasheet HTML 84Page - Dallas Semiconductor DS80C400 Datasheet HTML 85Page - Dallas Semiconductor DS80C400 Datasheet HTML 86Page - Dallas Semiconductor DS80C400 Datasheet HTML 87Page - Dallas Semiconductor DS80C400 Datasheet HTML 88Page - Dallas Semiconductor DS80C400 Datasheet HTML 89Page - Dallas Semiconductor DS80C400 Datasheet HTML 90Page - Dallas Semiconductor DS80C400 Datasheet HTML 91Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 97 page
background image
DS80C400 Network Microcontroller
87 of 97
Table 24. 1-Wire Bus Master Interrupt Sources
INTERRUPT
SOURCE
MEANING
ENABLE/FLAG LOCATION
(Interrupt Flag Register.x
Interrupt Enable Register.x)
Presence Detect
After a 1-Wire reset has been issued, this flag is set after the amount
of time for a presence-detect pulse to have occurred. This bit is cleared
when the interrupt flag register is read.
Bit 0
Transmit Buffer
Empty
This flag is set when the transmit buffer is empty and ready to receive
the next byte. This bit is cleared when data is written to the transmit
buffer. A read of the interrupt flag register has no effect on this bit.
Bit 2
Transmit Shift
Register Empty
This flag is set when the transmit shift register is empty and is ready to
load a new byte from the transmit buffer. This bit is cleared when data
is transferred from the transmit buffer to the transmit shift register. A
read of the interrupt flag register has no effect on this bit.
Bit 3
Receive Buffer Full
This flag is set when there is a byte of data in the receive buffer waiting
to be read. This bit is cleared when the receive buffer is read.
Bit 4
Receive Shift
Register Full
This flag is set when there is a byte of data in the receive shift register
waiting to be transferred to the receive buffer. This bit is cleared when
data in the receive shift register is transferred to the receive buffer.
Bit 5
1-Wire Short
This flag is set when the OW line was low before the bus master was
able to send out the beginning of a reset or a time slot. A read of the
interrupt flag register clears this bit.
Bit 6
1-Wire Low
This flag is set when the OW line is low while the bus master is idle,
signaling that a slave device has issued a presence pulse on the OW
line. A read of the interrupt flag register clears this bit if the OW line is
no longer low while the master is idle.
Bit 7
Peripheral Overview (Primary Integrated System Logic)
The DS80C400 provides several of the most commonly needed peripheral functions in microcomputer-based
systems. The DS80C400 offers three serial ports, four timers, a programmable watchdog timer, power-fail reset
detection, and a power-fail interrupt flag. In addition, the microcontroller contains a CAN module for industrial
communication applications. Each of these peripherals is described below, and more details are available in the
High-Speed Microcontroller User’s Guide
and the High-Speed Microcontroller User’s Guide: Network
Microcontroller Supplement
.
Serial Ports
The microcontroller provides a serial port (UART) that is identical to the 80C52. Two additional hardware serial
ports are provided that are duplicates of the first one. This second port optionally uses pins P1.2 (RXD1) and P1.3
(TXD1). The third port optionally uses pins P6.6 (RXD2) and P6.7 (TXD2). The function of each of the three serial
ports is controlled by the SFRs and bits shown in Table 25.
Table 25. Serial Port SFRs
SERIAL PORT
FUNCTION CONTROL
SERIAL PORT 0
SERIAL PORT 1
SERIAL PORT 2
Control Register
SCON0
SCON1
SCON2
Input/Output Data Buffer
SBUF0
SBUF1
SBUF2
Baud Rate Doubler Bit
PCON.7
WDCON.7
T3CM.4
Framing Error-Detection Enable
PCON.6
PCON.6
PCON.6
Slave Address Mask Enable
SADEN0
SADEN1
SADEN2
Slave Address
SADDR0
SADDR1
SADDR2
All three serial ports can operate simultaneously and be configured for different baud rates or different modes.
When using a timer for the purpose of baud rate generation, serial port 1 must use timer 1, serial port 2 must use
timer 3, while serial port 0 can use either timer 1 or timer 2. Refer to the High-Speed Microcontroller User Guide for
full descriptions of serial port operational modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com