Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 19Page - Dallas Semiconductor DS80C400 Datasheet HTML 20Page - Dallas Semiconductor DS80C400 Datasheet HTML 21Page - Dallas Semiconductor DS80C400 Datasheet HTML 22Page - Dallas Semiconductor DS80C400 Datasheet HTML 23Page - Dallas Semiconductor DS80C400 Datasheet HTML 24Page - Dallas Semiconductor DS80C400 Datasheet HTML 25Page - Dallas Semiconductor DS80C400 Datasheet HTML 26Page - Dallas Semiconductor DS80C400 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
DS80C400 Network Microcontroller
23 of 97
OWSTP
PIN TIMING CHARACTERISTICS (Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40°C to +85°C.)
STANDARD
OVERDRIVE
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
Active Time for Presence Detect
tON1
6.4
8
0.8
1
ms
Active Time for Presence Detect Recovery
tON2
8
10
8
10
ms
Active Time for Write 1 Recovery (Notes 2, 3)
tON3
51.2
64
7.2
9
ms
Active Time for Write 0 Recovery (Notes 2, 3)
tON4
6.4
8
0.8
1
ms
Delay Time for Presence Detect
tDLY1
0.8
1
0.8
1
ms
Delay Time for Presence Detect Recovery (Note 4)
tDLY2
399.2
499
31.2
39
ms
Delay Time for Write 1/Write 0 Recovery
tDLY3
0.8
1
0.8
1
ms
Turn-Off Time for 1-Wire Reset
tOFF1
1.6
2
1.6
2
ms
Turn-Off Time for Write 1/Write 0 (Note 5)
tOFF2
0.8
1
0.8
1
ms
Note 1: Specifications to -40
°C are guaranteed by design and not production tested.
Note 2: There is no
OWSTP timing difference for sending out and receiving bits within a byte. The difference comes when the last bit of the byte
has been completely sent. At this point, the signal is either enabled continuously until the next reset or time slot begins, or enabled only
for active time write 1 or write 0.
Note 3: When performing a read versus a write time slot, the master provides the same active time for write 1 and write 0. However, the
Schmitt-triggered input from the OW line is sensed every 1
ms for a high value. If OW is high, the OWSTP signal is enabled. If the OW
line is low, the
OWSTP signal remains disabled until a high state is sensed. In all write time slots, a high is sensed immediately.
Note 4: This parameter is the time delay until the master begins to monitor the OW pin level. If the line is already high, then
OWSTP is enabled.
If not, it waits to enable
OWSTP until the next state machine clock (1ms or 50ns) after the OW line recovers.
Note 5: The very first bit in a byte has an extended turn-off time of 4
ms because of the order of states that the 1-Wire master state machine
must go through.
OWSTP PIN TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com