Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 36Page - Dallas Semiconductor DS80C400 Datasheet HTML 37Page - Dallas Semiconductor DS80C400 Datasheet HTML 38Page - Dallas Semiconductor DS80C400 Datasheet HTML 39Page - Dallas Semiconductor DS80C400 Datasheet HTML 40Page - Dallas Semiconductor DS80C400 Datasheet HTML 41Page - Dallas Semiconductor DS80C400 Datasheet HTML 42Page - Dallas Semiconductor DS80C400 Datasheet HTML 43Page - Dallas Semiconductor DS80C400 Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
DS80C400 Network Microcontroller
40 of 97
TIMED-ACCESS PROTECTION
Selected SFR bits are critical to operation, making it desirable to protect them against an accidental write
operation. The timed-access procedure prevents errant behavior from accidentally altering bits that would seriously
affect microcontroller operation. The timed-access procedure requires that the write of a protected bit be
immediately preceded by the following two instructions:
MOV
0C7h, #0AAh
MOV
0C7h, #55h
Writing an AAh followed by a 55h to the timed access register (location C7h), opens a three-cycle window that
allows software to modify one of the protected bits. The protected bits are:
SFR
BIT(S)
NAME
FUNCTION
EXIF (91h)
EXIF.0
BGS
Bandgap Select
P4CNT (92h)
P4CNT.5–0
—
Port 4 Pin Configuration Control Bits
ACON (9Dh)
ACON.5
MROM
Merge ROM
—
ACON.4
BPME
Breakpoint Mode Enable
—
ACON.3
BROM
By-Pass ROM
—
ACON.2
SA
Stack Address Mode
—
ACON.1–0
AM1–AM0
Address Mode Select Bits
P5CNT (A2h)
P5CNT.2–0
—
Port 5 Pin Configuration Control Bits
C0C (A3h)
C0C.3
CRST
CAN 0 Reset
P6CNT (B2h)
P6CNT.5–0
—
Port 6 Pin Configuration Control Bits
MCON (C6h)
MCON.7–6
IDM1–IDM0
Internal Memory Configuration Bits
—
MCON.5
CAN
CMA Data Memory Assignment
—
MCON.3–0
PDCE3–PDCE0
Program/Data-Chip Enables
COR (CEh)
COR.7
IRDACK
IRDA Clock-Output Enable
—
COR.4–3
C0BPR7–C0BPR6
CAN 0 Baud Rate Prescale Bits
—
COR.2–1
COD1–COD0
CAN Clock-Output Divide Bits
—
COR.0
CLKOE
CAN Clock-Output Enable
MCON1 (D6h)
MCON1.3–0
PDCE7–PDCE4
Program/Data Chip Enable
MCON2 (D7h)
MCON2.6–4
WPR2–WPR0
Write-Protect Range Bits
MCON2.3–0
WPE3–WPE0
Write-Protect Enable Bits
WDCON (D8h)
WDCON.6
POR
Power-On Reset Flag
—
WDCON.3
WDIF
Watchdog Interrupt Flag
—
WDCON.1
EWT
Watchdog Reset Enable
—
WDCON.0
RWT
Reset Watchdog Timer
EBS (E5h)
EBS.7
FPE
Flush Filter Failed-Packet Enable
—
EBS.4–0
BS4-BS0
Buffer Size Configuration Bits
MEMORY ARCHITECTURE
The DS80C400 incorporates four internal memory areas:
·
256 Bytes of scratchpad (or direct) RAM
·
8kB of SRAM for Ethernet MAC transmit/receive buffer memory
·
1kB of SRAM configurable as various combinations of data memory and stack memory
·
256 Bytes of RAM reserved for the CAN message centers
·
64kB embedded ROM firmware
Up to 16MB of external code memory can be addressed through a multiplexed or demultiplexed 22-bit address
bus/8-bit data bus through eight available chip enables. Up to 4MB of external data memory can be accessed over
the same address/data buses through peripheral-enable signals. The DS80C400 also permits a 16MB merged
program/data memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com