Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 16Page - Texas Instruments LM3556 Datasheet HTML 17Page - Texas Instruments LM3556 Datasheet HTML 18Page - Texas Instruments LM3556 Datasheet HTML 19Page - Texas Instruments LM3556 Datasheet HTML 20Page - Texas Instruments LM3556 Datasheet HTML 21Page - Texas Instruments LM3556 Datasheet HTML 22Page - Texas Instruments LM3556 Datasheet HTML 23Page - Texas Instruments LM3556 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
tBLANK
tPERIOD
tPERIOD
tPERIOD
tACTIVE
tBLANK
tPERIOD
tPERIOD
ITORCH
tBLANK
tR
tF
tPULSE
tPULSE
tPERIOD
tR
tF
tPULSE
tPULSE
tPERIOD
LM3556
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
Indicator Period Count Register (0x05)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
RFU
RFU
RFU
NPERIOD
000 = 0 (default)
001 = 1
010 = 2
011 = 3
100 = 4
101 = 5
110 = 6
111 = 7
Figure 39. Indicator Usage
1. Number of periods (tPERIOD = tR + tF + tPULSE × 2)
2. Active Time (tACTIVE = tPERIOD × NPERIOD)
3. Blank Time (tBLANK = tACTIVE × NBLANK)
Figure 40. Single Pulse with Dead Time
Figure 41. Multiple Pulse with Dead Time
Torch Ramp Time Register (0x06)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
Torch Ramp-Up Time
Torch Ramp-Down Time
000 = 16 ms (default)
000 = 16 ms (default)
001 = 32 ms
001 = 32 ms
010 = 64 ms
010 = 64 ms
011 = 128 ms
011 = 128 ms
100 = 256 ms
100 = 256 ms
101 = 512 ms
101 = 512 ms
110 = 1.024s
110 = 1.024s
111 = 2.048s
111 = 2.048s
20
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com