Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 10Page - Texas Instruments LM3556 Datasheet HTML 11Page - Texas Instruments LM3556 Datasheet HTML 12Page - Texas Instruments LM3556 Datasheet HTML 13Page - Texas Instruments LM3556 Datasheet HTML 14Page - Texas Instruments LM3556 Datasheet HTML 15Page - Texas Instruments LM3556 Datasheet HTML 16Page - Texas Instruments LM3556 Datasheet HTML 17Page - Texas Instruments LM3556 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
LM3556
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
Flash Time-Out
The Flash Time-Out period sets the amount of time that the Flash Current is being sourced from the current
source (LED). The LM3556 has 8 time-out levels ranging 100 ms to 800 ms in 100 ms steps. The Flash Time-
Out period is controlled in the Flash Features Register (0x08). Flash Time-Out only applies to the Flash Mode
operation. The mode bits are cleared upon a Flash Time-out.
Over-Voltage Protection (OVP)
The output voltage is limited to typically 5.0V (see VOVP Spec). In situations such as an open LED, the LM3556
will raise the output voltage in order to keep the LED current at its target value. When VOUT reaches 5.0V (typ.),
the over-voltage comparator will trip and turn off the internal NFET. When VOUT falls below the “VOVP Off
Threshold”, the LM3556 will begin switching again. The mode bits in the Enable Register (0x0A) are not cleared
upon an OVP.
Current Limit
The LM3556 features selectable inductor current limits that are programmable through the Flash Features
Register (0x08) of the I2C-compatible interface. When the inductor current limit is reached, the LM3556 will
terminate the charging phase of the switching cycle.
Since the current limit is sensed in the NMOS switch, there is no mechanism to limit the current when the device
operates in Pass Mode. In Boost mode or Pass Mode if VOUT falls below 2.3V, the part stops switching, and the
PFET operates as a current source limiting the current to 200 mA. This prevents damage to the LM3556 and
excessive current draw from the battery during output short-circuit conditions. The mode bits in the Enable
Register (0x0A) are not cleared upon a Current Limit event.
Pulling additional current from the VOUT node during normal operation is not recommended.
NTC Thermistor Input (TEMP)
The TEMP pin serves as a threshold detector for negative temperature coefficient (NTC) thermistors. It interrupts
the LED current when the voltage at TEMP goes below the programmed threshold. The NTC threshold voltage is
adjustable from 200 mV to 900 mV in 100 mV steps. The NTC current is adjustable from 25 µA to 100 µA in 25
µA steps. When an over-temperature event is detected, the LM3556 can be set to force the LED current from
Flash Mode into Torch Mode or into shutdown. These settings are adjusted via the NTC Settings Register (0x02),
and the NTC detection circuitry can be enabled or disabled via the Enable Register (0x0A). If enabled, the NTC
block will turn on and off during the start and stop of a Flash/Torch/Indicator event. The NTC mode of operation
is set by adjusting the NTC Mode bit in the Configuration Register (0x07). See the NTC Settings Register (0x02)
section for more details. The mode bits in the Enable Register (0x0A) are cleared upon an NTC event.
Under-Voltage Lockout (UVLO)
The LM3556 has an internal comparator that monitors the voltage at IN and will force the LM3556 into shutdown
if the input voltage drops to 2.8V. If the UVLO monitor threshold is tripped, the UVLO flag bit will be set in the
Flags Register (0x0B). If the input voltage rises above 2.8V, the LM3556 will not be available for operation until
there is an I2C read command initiated for the Flags Register (0x0B). Upon a read, the flag register will be
cleared, and normal operation can resume. This feature can be disabled by writing a ‘0’ to the UVLO EN bit in
the Input Voltage Flash Monitor (IVFM) Mode Register (0x01). The mode bits in the Enable Register (0x0A) are
cleared upon a UVLO event.
Thermal Shutdown (TSD)
When the LM3556’s die temperature reaches +150°C, the boost converter shuts down, and the NFET and PFET
turn off, as does the current source (LED). When the thermal shutdown threshold is tripped, a '1' gets written to
the corresponding bit of the Flags Register (0x0B) (Thermal Shutdown bit), and the LM3556 will go into standby.
The LM3556 will only be allowed to restart after the Flags Register (0x0B) is read, clearing the fault flag. Upon
restart, if the die temperature is still above +150°C, the LM3556 will reset the Fault flag and re-enter standby.
The mode bits in the Enable Register (0x0A) are cleared upon a TSD.
14
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com