Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments LM3556 Datasheet HTML 10Page - Texas Instruments LM3556 Datasheet HTML 11Page - Texas Instruments LM3556 Datasheet HTML 12Page - Texas Instruments LM3556 Datasheet HTML 13Page - Texas Instruments LM3556 Datasheet HTML 14Page - Texas Instruments LM3556 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
40 s/DIV
VIN
200 mV/
DIV
ILED
200 mA/
DIV
400 s/DIV
500 mA/
DIV
VOUT
2V/DIV
TX
ILED
2V/DIV
1 s/DIV
500 mA/
DIV
VOUT
2V/DIV
TX
ILED
2V/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Input Voltage Flash Monitor, Up and Down Mode
Input Voltage Flash Monitor, Up and Down Mode
(0mv Hysteresis, 512 µs Filter Time)
(256µs Flash Ramp, 1/2 Step Filter Time)
Figure 26.
Figure 27.
Time Taken for LM3556 to Ramp
Impact on LED Current with a TX Event
from Torch to Flash after TX Event
Figure 28.
Figure 29.
Transient Plot when VIN Stepped
from 3
→ 2.9V
Figure 30.
LM3556 GENERAL INFORMATION
The LM3556 is a high-power white LED flash driver capable of delivering up to 1.5A into a single high-powered
LED. The device incorporates a 4 MHz constant frequency-synchronous current-mode PWM boost converter,
and a single high-side current source to regulate the LED current over the 2.5V to 5.5V input voltage range.
The LM3556 PWM converter switches and maintains at least VHR across the current source (LED). This
minimum headroom voltage ensures that the current source remains in regulation. If the input voltage is above
the LED voltage + current source headroom voltage the device does not switch and turns the PFET on
continuously (Pass mode). In Pass mode the difference between (VIN− ILED x RPMOS) and the voltage across the
LED is dropped across the current source.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com