Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 1 Page - Texas Instruments

  LM3556 Datasheet HTML 1Page - Texas Instruments LM3556 Datasheet HTML 2Page - Texas Instruments LM3556 Datasheet HTML 3Page - Texas Instruments LM3556 Datasheet HTML 4Page - Texas Instruments LM3556 Datasheet HTML 5Page - Texas Instruments LM3556 Datasheet HTML 6Page - Texas Instruments LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
IN
OUT
TEMP
SW
ENABLE
TORCH
TX
SDA
SCL
GND
1 PH
10 PF
10 PF
STROBE
LED
Flash
LED
2.5V to 5.5V
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
Check for Samples: LM3556
1
FEATURES
DESCRIPTION
The LM3556 is a 4 MHz fixed-frequency synchronous
2
•
Grounded Cathode LED Operation for
boost converter plus 1.5A constant current driver for
Improved Thermal Management
a high-current white LED. The high-side current
•
1.5A High-Side Current Source for Single LED
source allows for grounded cathode LED operation
•
Accurate and Programmable LED Current from
providing Flash current up to 1.5A. An adaptive
regulation
method
ensures
the
current
source
46.9 mA to 1.5A
remains in regulation and maximizes efficiency.
•
> 85% Efficiency in Torch Mode (@ 100 mA)
and Flash Mode (@1A to 1.5A)
The LM3556 is controlled via an I2C-compatible
interface. Features include: a hardware flash enable
•
Small Solution Size: < 20 mm2
(STROBE) allowing a logic input to trigger the flash
•
LED Thermal Sensing and Current Scale-Back
pulse, a hardware Torch enable (TORCH) for Movie
•
Soft-Start Operation for Battery Protection
Mode or Flashlight functions, a TX input which forces
the flash pulse into a low-current Torch mode
•
Hardware Enable Pin
allowing for synchronization to RF power amplifier
•
Hardware Torch Enable
events or other high-current conditions, and an
•
Hardware Strobe Enable
integrated comparator designed to monitor an NTC
thermistor and provide an interrupt to the LED
•
Synchronization Input for RF Power Amplifier
current. With a fast 1
μs transition from 0 mA to 46.9
Pulse Events
mA, the Torch input pin can be used to develop
•
VIN Flash Monitor Optimization
custom LED current waveforms.
•
400 kHz I2C-Compatible Interface
The
4
MHz
switching
frequency,
over-voltage
•
I2C-Compatible Programmable NTC Trip Point
protection and adjustable current limit allow for the
•
0.4 mm Pitch, 16-Bump DSBGA Package
use of tiny, low-profile inductors and (10 µF) ceramic
capacitors. The device is available in a small 16-
bump (1.660 mm x 1.610 mm x 0.6 mm) DSBGA
APPLICATIONS
package and operates over the
−40°C to +85°C
•
Camera Phone LED Flash
temperature range.
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556 TI2-LM3556 Datasheet
768Kb / 38P
LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
REVISED OCTOBER 2015
LM3556TME TI1-LM3556TME Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556TME/NOPB TI1-LM3556TME/NOPB Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
More results

Similar Description - LM3556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com