Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 3Page - Texas Instruments LM3556 Datasheet HTML 4Page - Texas Instruments LM3556 Datasheet HTML 5Page - Texas Instruments LM3556 Datasheet HTML 6Page - Texas Instruments LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments LM3556 Datasheet HTML 10Page - Texas Instruments LM3556 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
60
64
68
72
76
80
84
88
92
96
100
ILED(A)
VIN =4.2V
VIN =3.9V
VIN =3.6V
VIN =3.3V
VIN =3.0V
VIN =2.7V
2.7 3.1 3.4 3.8 4.1 4.5 4.8 5.2 5.5
0.340
0.348
0.355
0.363
0.370
0.378
0.385
0.393
0.400
VIN (V)
TA=25°C
TA=85°C
TA=-40°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
1.40
1.45
1.50
1.55
1.60
VIN(V)
TA = -40°C
TA = +25°C
TA = -+85°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
50
60
70
80
90
100
VIN(V)
TA = -40°C
TA = +25°C
TA = +85°C
SCL
SDA_IN
SDA_OUT
t 5
t 1
t 4
t 3
t
2
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
Figure 3. I2C-Compatible Interface Specifications
TYPICAL PERFORMANCE CHARACTERISTICS
Flash LED Current vs. VIN
Flash LED Efficiency vs. VIN
VLED = 3.6V, ILED = 1.5A
VLED = 3.6V, ILED = 1.5A
Figure 4.
Figure 5.
Flash LED Efficiency vs. Flash LED Current
Torch LED Current vs. VIN
VLED = 3.8V
VLED = 3V, ILED = 375mA
Figure 6.
Figure 7.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com