Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 11Page - Texas Instruments LM3556 Datasheet HTML 12Page - Texas Instruments LM3556 Datasheet HTML 13Page - Texas Instruments LM3556 Datasheet HTML 14Page - Texas Instruments LM3556 Datasheet HTML 15Page - Texas Instruments LM3556 Datasheet HTML 16Page - Texas Instruments LM3556 Datasheet HTML 17Page - Texas Instruments LM3556 Datasheet HTML 18Page - Texas Instruments LM3556 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
SDA
Start Condition
Stop Condition
SCL
S
P
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
LED and/or VOUT Fault
The LED Fault flag in the Flags Register (0x0B) reads back a '1' if the part is active in Flash Mode or Torch
Mode, and the LED output or the VOUT node experiences short condition. The LM3556 determines an LED open
condition if the OVP threshold is crossed at the OUT pin while the device is in Flash Mode or Torch Mode. An
LED short condition is determined if the voltage at LED goes below 500 mV (typ.) while the device is in either
Torch or Flash Mode. There is a delay of 256
μs deglitch time before the LED flag is valid, and 2.048 ms before
the VOUT flag is valid. This delay is the time between when the Flash or Torch current is triggered and when the
LED voltage and the output voltage are sampled. The LED flag can only be reset to '0' by removing power to the
LM3556, or by reading back the Flags Register (0x0B). The mode bits in the Enable Register (0x0A) are cleared
upon an LED and/or VOUT fault.
I
2C-COMPATIBLE INTERFACE
Data Validity
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when SCL is LOW.
Figure 31. Data Validity Diagram
A pullup resistor between the controller's VIO line and SDA must be greater than [(VIO-VOL) / 3mA] to meet the
VOL requirement on SDA. Using a larger pullup resistor results in lower switching current with slower edges, while
using a smaller pullup results in higher switching currents with faster edges.
Start and Stop Conditions
START and STOP conditions classify the beginning and the end of the I2C session. A START condition is
defined as the SDA signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is defined
as the SDA transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and
STOP conditions. The I2C bus is considered to be busy after a START condition and free after a STOP condition.
During data transmission, the I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
Figure 32. Start and Stop Conditions
Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each
byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated by the
master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LM3556 pulls down
the SDA line during the 9th clock pulse, signifying an acknowledge. The LM3556 generates an acknowledge
after each byte is received. There is no acknowledge created after data is read from the LM3556.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com