Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 21Page - Texas Instruments LM3556 Datasheet HTML 22Page - Texas Instruments LM3556 Datasheet HTML 23Page - Texas Instruments LM3556 Datasheet HTML 24Page - Texas Instruments LM3556 Datasheet HTML 25Page - Texas Instruments LM3556 Datasheet HTML 26Page - Texas Instruments LM3556 Datasheet HTML 27Page - Texas Instruments LM3556 Datasheet HTML 28Page - Texas Instruments LM3556 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
e
x
( )
C
25
R
=
T
R
°
298
1
273
+
C
°
T
1
E
-
¹
·
©
§
30171831
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
Table 3. Recommended Inductors
Manufacturer
L
Part Number
Dimensions (L×W×H)
ISAT
RDC
TOKO
1 µH
FDSD0312
3 mm x 3 mm x 1.2 mm
4.5A
43 m
Ω
TOKO
1 µH
DFE252010C
2.5 mm × 2 mm × 1 mm
3.4A
60 m
Ω
TOKO
1 µH
DFE252012C
2.5 mm × 2 mm × 1.2 mm
3.8A
45 m
Ω
NTC Thermistor Selection
The TEMP pin is a comparator input for flash LED thermal sensing. NTC Mode is intended to monitor an external
thermistor which monitors LED temperature and prevents LED overheating. An internal comparator checks the
voltage on the TEMP pin against the trip point programmed in the NTC Settings Register (0x02). The thermistor
is driven by an internally regulated current source, and the voltage on the TEMP pin is related to the source
current and the NTC resistance.
NTC thermistors have a temperature to resistance relationship of:
(4)
where
β is given in the thermistor datasheet, and R25°C is the thermistor's value at +25°C.
Layout Recommendations
The high switching frequency and large switching currents of the LM3556 make the choice of layout important.
The following steps should be used as a reference to ensure the device is stable and maintains proper LED
current regulation across its intended operating voltage and current range.
1. Place CIN on the top layer (same layer as the LM3556) and as close to the device as possible. The input
capacitor conducts the driver currents during the low-side MOSFET turn-on and turn-off and can see current
spikes over 1A in amplitude. Connecting the input capacitor through short, wide traces to both the IN and
GND terminals will reduce the inductive voltage spikes that occur during switching which can corrupt the VIN
line.
2. Place COUT on the top layer (same layer as the LM3556) and as close as possible to the OUT and GND
terminal. The returns for both CIN and COUT should come together at one point, as close to the GND pin as
possible. Connecting COUT through short, wide traces will reduce the series inductance on the OUT and GND
terminals that can corrupt the VOUT and GND lines and cause excessive noise in the device and surrounding
circuitry.
3. Connect the inductor on the top layer close to the SW pin. There should be a low-impedance connection
from the inductor to SW due to the large DC inductor current, and at the same time the area occupied by the
SW node should be small so as to reduce the capacitive coupling of the high dV/dt present at SW that can
couple into nearby traces.
4. Avoid routing logic traces near the SW node so as to avoid any capacitively coupled voltages from SW onto
any high-impedance logic lines such as TORCH, STROBE, HWEN, TEMP, SDA, and SCL. A good approach
is to insert an inner layer GND plane underneath the SW node and between any nearby routed traces. This
creates a shield from the electric field generated at SW.
5. Terminate the Flash LED cathodes directly to the GND pin of the LM3556. If possible, route the LED returns
with a dedicated path so as to keep the high amplitude LED currents out of the GND plane. For Flash LEDs
that are routed relatively far away from the LM3556, a good approach is to sandwich the forward and return
current paths over the top of each other on two layers. This will help in reducing the inductance of the LED
current paths.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com