Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 18Page - Texas Instruments LM3556 Datasheet HTML 19Page - Texas Instruments LM3556 Datasheet HTML 20Page - Texas Instruments LM3556 Datasheet HTML 21Page - Texas Instruments LM3556 Datasheet HTML 22Page - Texas Instruments LM3556 Datasheet HTML 23Page - Texas Instruments LM3556 Datasheet HTML 24Page - Texas Instruments LM3556 Datasheet HTML 25Page - Texas Instruments LM3556 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
LM3556
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
Enable Register (0x0A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TX Pin Enable
STROBE Pin
TORCH Pin
PreCharge Mode
Pass-Mode
Mode Bits: M1, M0
NTC Enable
0 = Disabled
Enable
Enable
Enable
Only Enable
00 = Standby (default)
0 = Disabled
(default)
0 = Disabled
0 = Disabled
0 = Normal
0 = Normal
01 = Indicator
(default)
1 = Enabled
(default)
(default)
(default)
(default)
10 = Torch
1 = Enabled
1 = Enabled
1 = Enabled
1 = PreCharge
1 = Pass Only
11 = Flash
Enable Register (8 Bits)
NTC EN Enables NTC Block.
TX EN Allows TX events to change the current.
Strobe EN Enables Strobe Pin to start a Flash Event.
Torch EN Enables Torch Pin to start a Torch Event.
PreCharge Mode EN Enables Pass Mode to pre-charge the output cap.
Pass-Only Mode EN Only allows Pass Mode and disallows Boost Mode.
If Pass-Only Mode is enabled during any LED mode (Indicator, Torch or Flash), it will remain enabled until
the LM3556 enters the standby state regardless of whether the Pass-Only Mode bit is reset or not during
the following command.
Two-Mode Bits
00–Standby Off
01–Indicator Sets Indicator Mode. Default Indicator Mode uses external pattern on TORCH Pin.
10–Torch Sets Torch Mode with ramping. If Torch EN = 0, Torch will start after I2C-compatible command.
11–Flash Sets Flash Mode with ramping. If Strobe EN = 0, Flash will start after I2C-compatible command.
Flags Register (0x0B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TX Event
NTC Trip
IVFM
UVLO
OVP
LED or VOUT
Thermal
Flash Time-out
0 = Default
0 = Default
0 = Default
0 = Default
0 = Default
Short Fault
Shutdown
0 = Default
0 = Default
0 = Default
TX Event Flag TX Event occurred.
NTC Trip Flag NTC Threshold crossed.
IVFM Flag IVFM block reported and/or adjusted LED current.
UVLO Fault UVLO Threshold crossed.
OVP Flag Over-voltage Protection tripped. Open Output cap or open LED.
LED Short Fault LED Short detected.
Thermal Shutdown Fault LM3556 die temperature reached thermal shutdown value.
Time-Out Flag Flash Timer tripped
Note: Faults require a read-back of the “Flags Register” to resume operation. Flags report an event
occurred, but do not inhibit future functionality. A read-back of the Flags Register will only be updated
again if the fault or flags is still present upon a restart.
22
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com