Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments LM3556 Datasheet HTML 10Page - Texas Instruments LM3556 Datasheet HTML 11Page - Texas Instruments LM3556 Datasheet HTML 12Page - Texas Instruments LM3556 Datasheet HTML 13Page - Texas Instruments LM3556 Datasheet HTML 14Page - Texas Instruments LM3556 Datasheet HTML 15Page - Texas Instruments LM3556 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
LM3556
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
The LM3556 has three logic inputs including a hardware Flash Enable (STROBE), a hardware Torch Enable
(TORCH) used for external torch mode control and custom LED indication waveforms, and a Flash Interrupt input
(TX) designed to interrupt the flash pulse during high battery current conditions. All three logic inputs have
internal 300 k
Ω (typ.) pulldown resistors to GND.
Additional features of the LM3556 include an internal comparator for LED thermal sensing via an external NTC
thermistor and an input voltage monitor that can reduce the Flash current (during low VIN conditions).
Control of the LM3556 is done via an I2C-compatible interface. This includes adjustment of the Flash and Torch
current levels, changing the Flash Timeout Duration, changing the switch current limit, and enabling the NTC
block. Additionally, there are flag and status bits that indicate flash current time-out, LED over-temperature
condition, LED failure (open/short), device thermal shutdown, TX interrupt, and VIN under-voltage conditions.
Startup (Enabling the Device)
Turn on of the LM3556 Torch and Flash modes can be done through the Enable Register (0x0A). On startup,
when VOUT is less than VIN the internal synchronous PFET turns on as a current source and delivers 200 mA
(typ.) to the output capacitor. During this time the current source (LED) is off. When the voltage across the output
capacitor reaches 2.2V (typ.) the current source will turn on. At turn-on the current source will step through each
FLASH or TORCH level until the target LED current is reached. This gives the device a controlled turn-on and
limits inrush current from the VIN supply.
Pass Mode
The LM3556 starts up in Pass Mode and stays there until Boost Mode is needed to maintain regulation. If the
voltage difference between VOUT and VLED falls below VHR, the device switches to Boost Mode. In Pass Mode the
boost converter does not switch, and the synchronous PFET turns fully on bringing VOUT up to VIN −
ILEDxRPMOS. In Pass Mode the inductor current is not limited by the peak current limit. In this situation the output
current must be limited to 2A.
Flash Mode
In Flash Mode, the LED current source (LED) provides 16 target current levels from 93.75 mA to 1500 mA. The
Flash currents are adjusted via the Current Control Register (0x09). Flash mode is activated by the Enable
Register (0x0A), or by pulling the STROBE pin HIGH. Once the Flash sequence is activated the current source
(LED) will ramp up to the programmed Flash current by stepping through all current steps until the programmed
current is reached.
When the part is enabled in Flash Mode through the Enable Register, all mode bits in the Enable Register are
cleared after a flash time-out event.
Data can be written to the mode bits (bits[1:0]) in Enable Register (0x0A) only after the flash has ramped down to
the desired value, and VOUT has decayed.
The following table shows the I2C commands and the state of the mode bits, if the STROBE pin is used to
enable the Flash Mode.
Enable and Configuration Register
Status of Mode Bits in the Enable Register after a
Mode change required
Setting (0x0A=Enable Register,
flash.
0x07=Configuration Register)
Using Edge Triggered STROBE to
0x0A=0x23; 0x07=0x78 (default
Mode bits are cleared after a single flash. To reflash,
Flash
setting)
0x23 will have to be written to 0x0A.
Using Level Triggered STROBE to
0x0A=0x23; 0x07=0xF8
Mode bits are cleared after a single flash. To reflash,
Flash
0x23 will have to be written to 0x0A.
Part is required to go from External
0x0A=0x33; 0x07=0x78 (default
Mode bits are cleared after a single flash. To reflash,
TORCH Mode to External STROBE
setting)
0x33 will have to be written to 0x0A.
mode using Edge Triggered STROBE
Part is required to go from External
0x0A=0x33; 0x07=0xF8
Mode bits are cleared only if the part has an internal flash
TORCH Mode to External STROBE
time-out event happening before the STROBE level goes
mode using Level Triggered STROBE
low. To reflash, 0x33 will have to be written to 0x0A. If
the STROBE level goes low before an internal flash time-
out event, then mode bits are not cleared.
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com