Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 13Page - Texas Instruments LM3556 Datasheet HTML 14Page - Texas Instruments LM3556 Datasheet HTML 15Page - Texas Instruments LM3556 Datasheet HTML 16Page - Texas Instruments LM3556 Datasheet HTML 17Page - Texas Instruments LM3556 Datasheet HTML 18Page - Texas Instruments LM3556 Datasheet HTML 19Page - Texas Instruments LM3556 Datasheet HTML 20Page - Texas Instruments LM3556 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
REGISTER DESCRIPTIONS
Register Name
Internal Hex Address
Power On/RESET Value
Silicon Revision and Filter Time Register
0x00
0x04
IVFM Mode Register
0x01
0x80
NTC Settings Register
0x02
0x12
Indicator Ramp Time Register
0x03
0x00
Indicator Blinking Register
0x04
0x00
Indicator Period Count Register
0x05
0x00
Torch Ramp Time Register
0x06
0x00
Configuration Register
0x07
0x78
Flash Features Register
0x08
0xD2
Current Control Register
0x09
0x0F
Enable Register
0x0A
0x00
Flags Register
0x0B
0x00
Silicon Revision and Filter Time Register (0x00)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
RFU
IVFM Filter Times
Bits available for Silicon Revision
'00' = 1/2 of the Current Step Time
Current Value = '100'
'01' = 256 µs
'10' =512 µs
'11' = 1024 µs
Input Voltage Flash Monitor (IVFM) Mode Register (0x01)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1 = UVLO EN
Hysteresis Level
IVM-D (Down) Threshold
IVFM Adjust Mode
(default)
00 = 50 mV (default)
000 = 2.9V (default)
00 = Report Mode (default)
01 = 100 mV
001 = 3.0V
01 = Stop and Hold Mode
10 = 150 mV
010 = 3.1V
10 = Down Mode
11 = Hysteresis Disabled
011 = 3.2V
11 = Up and Down Mode
100 = 3.3V
101 = 3.4V
110 = 3.5V
111 = 3.6V
00 = Report Mode Sets IVFM Flag in Flags Register upon crossing IVM-D Line Only. Does not adjust current.
01 = Stop and Hold Mode Stops Current Ramp and Holds the level for the remaining flash if VIN crosses IVM-D
Line. Sets IVFM Flag in Flags Register upon crossing IVM-D Line.
10 = Down Mode Adjusts current down if VIN crosses IVM-D Line and will stop decreasing once VIN rises above
the IVM-D line + the IVFM hystersis setting. The LM3556 will decrease the current throughout the flash
pulse anytime the input voltage falls below the IVM-D line, and not just once. The flash current will not
increase again until the next flash. Sets IVFM Flag in Flags Register upon crossing IVM-D Line.
11 = Up and Down Mode Adjusts current down if VIN crosses IVM-D Line and adjusts current up if VIN rises
above the IVM-D line + the IVFM hystersis setting. In this mode, the current will continually adjust with the
rising and falling of the input voltage throughout the entire flash pulse. Sets IVFM Flag in Flags Register
upon crossing IVM-D Line.
UVLO EN If enabled and VIN drops below 2.8V, the LM3556 will enter standby and set the UVLO flag in the
Flags Register. Enabled = ‘1’, Disabled = ‘0’
IVM-U = IVM-D + IVFM Hysteresis
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com