Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 2Page - Texas Instruments LM3556 Datasheet HTML 3Page - Texas Instruments LM3556 Datasheet HTML 4Page - Texas Instruments LM3556 Datasheet HTML 5Page - Texas Instruments LM3556 Datasheet HTML 6Page - Texas Instruments LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments LM3556 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM3556
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−40°C ≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Source Specifications
1.425
1.575
1.5A Flash, VOUT = 4V
1.5
A
(-5%)
(+5%)
ILED
Current Source Accuracy
42.3
51.7
46.88 mA Torch, VOUT = 3.6V
47
mA
(
−10%)
(+10%)
280
ILED = 1.5A
Flash
250
(+12%)
VHR
Current Source Regulation Voltage
mV
172.5
ILED = 46.88 mA
Torch
150
(+15%)
ON Threshold
4.86
5
5.1
Output Over-Voltage Protection Trip
VOVP
V
Point
OFF Threshold
4.75
4.88
4.99
Step-Up DC/DC Converter Specifications
RPMOS
PMOS Switch On-Resistance
IPMOS = 1A
85
m
Ω
RNMOS
NMOS Switch On-Resistance
INMOS = 1A
65
−12%
1.7
+12%
−12%
1.9
+12%
ICL
Switch Current Limit
A
−10%
2.5
+10%
−12%
3.1
+12%
VTRIP
NTC Comparator Trip Threshold
Configuration Register, bit [1] = 1
−6%
600
+6%
mV
UVLO
Under Voltage Lockout Threshold
Falling VIN
2.74
2.8
2.85
V
INTC
NTC Current
−6%
75
+6%
µA
Input Voltage Flash Monitor trip
VIVFM
-3.2%
2.9
+3.2%
V
threshold
fSW
Switching Frequency
2.5V
≤ VIN ≤ 5.5V
3.72
4
4.28
MHz
IQ
Quiescent Supply Current
Device Not Switching Pass Mode
0.6
0.75
mA
Device Disabled, EN = 0V
ISD
Shutdown Supply Current
0.1
1.3
µA
2.5V
≤ VIN ≤ 5.5V
Device Disabled, EN = 2V
ISB
Standby Supply Current
2.5
4
µA
2.5V
≤ VIN ≤ 5.5V
Flash-to-Torch LED Current Settling
TX Low to High,
tTX
4
µs
Time
ILED = 1.5A to 46.88 mA
ILED Overshoot in External
IOS
0 mA to ITORCH
8
%
Indicator Mode
ENABLE, STROBE, TORCH, TX Voltage Specifications
VIL
Input Logic Low
0
0.4
2.5V
≤ VIN ≤ 5.5V
V
VIH
Input Logic High
1.2
VIN
I2C-Compatible Interface Specifications (SCL, SDA)
VIL
Input Logic Low
0
0.4
2.5V
≤ VIN ≤ 4.2V
V
VIH
Input Logic High
1.2
VIN
VOL
Output Logic Low
ILOAD = 3 mA
400
mV
t1
SCL Clock Frequency
2.4
µs
t2
Data In Setup Time to SCL High
100
t3
Data Out Stable After SCL Low
0
SDA Low Setup Time to SCL Low
ns
t4
100
(Start)
SDA High Hold Time After SCL
t5
100
High (Stop)
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical (typ.) numbers are not verified, but do represent the most
likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6V and TA = +25°C.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com