Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
FEDL22Q553-02
ML22Q553
AC Characteristics (2)
DVDD = SPVDD = 4.5 to 5.5 V, DGND = SPGND = 0 V, Ta = −40 to +105°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SCK input enable time from CSB fall
tESCK
—
100
—
—
ns
SCK hold time from CSB rise
tCSH
—
100
—
—
ns
Data floating time from CSB rise
tDOZ
RL = 3 k
Ω
—
—
100
ns
Data setup time from SCK rise
tDIS1
DIPH = “L”
50
—
—
ns
Data hold time from SCK rise
tDIH1
DIPH = “L”
50
—
—
ns
Data output delay time from SCK rise
tDOD1
RL = 3 k
Ω
—
—
90
ns
Data setup time from SCK fall
tDIS2
DIPH = “H”
50
—
—
ns
Data hold time from SCK fall
tDIH2
DIPH = “H”
50
—
—
ns
Data output delay time from SCK rise
tDOD2
RL = 3 k
Ω
—
—
90
ns
SCK “H” level pulse width
tSCKH
—
100
—
—
ns
SCK “L” level pulse width
tSCKL
—
100
—
—
ns
CBUSYB output delay time from SCK rise
tDBSY1
DIPH = “L”
—
—
90
ns
CBUSYB output delay time from SCK fall
tDBSY2
DIPH = “H”
—
—
90
ns
Note: Output pin load capacitance = 45 pF (Max.)
12/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com