Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
FEDL22Q553-02
ML22Q553
Command
D7
D6
D5
D4
D3
D2
D1
D0
Description
STOP
0
1
1
0
CH3
CH2
CH1
CH0
Playback stop command.
Can be specified for each
channel.
0
1
1
1
CH3
CH2
CH1
CH0
MUON
M7
M6
M5
M4
M3
M2
M1
M0
Silence insertion command.
Use the data of the 2nd byte
to specify the length of
silence. Can be specified
for each channel.
SLOOP
1
0
0
0
CH3
CH2
CH1
CH0
Repeat playback mode
setting command. The
setting is enabled during
playback.
Can be specified for each
channel.
CLOOP
1
0
0
1
CH3
CH2
CH1
CH0
Repeat playback mode
release command. When
the STOP command is input,
repeat playback mode is
released automatically. Can
be specified for each
channel.
1
0
1
0
CH3
CH2
CH1
CH0
CVOL
—
—
—
CV4
CV3
CV2
CV1
CV0
Volume setting command.
Use the data of the 2nd byte
to specify volume. Can be
specified for each channel.
RDSTAT
1
0
1
1
0
0
0
ERR
Status serial read command.
This command reads the
command status and the
status of the fail safe function
for each channel.
OUTSTAT
1
1
0
0
0
BUSY/NCR
C1
C0
Status output command.
This command outputs the
command status of each
channel from the STATUS
pin.
1
1
0
1
0
0
0
0
SAFE
TM2
TM1
TM0
TSD1 TSD0
BLD2
BLD1
BLD0
Fail safe setting command.
Sets settings for power
supply voltage detection,
temperature detection, and
monitoring time.
ERCL
1
1
1
1
1
1
1
1
This command clears error
while the fail safe function is
operating.
27/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com