Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 49Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 50Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 51Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
FEDL22Q553-02
ML22Q553
If the ERR bit is set to “1”, the following status will be read
Output bit
D7
D6
D5
D4
D3
D2
D1
D0
OutPut
data
0
0
0
SPMERR
SPPERR
TSDERR
BLDERR
WCMERR
When the ERR bit=”1”, the state of five fail-safe Function is read.
If any of fail-safe function is activated,the ERR pin is set to a “H” level and the corresponding
error bit is set to “1”. If the ERR pins set to a “H” level,
check the error contents using the RDSTAT command and take appropriate measures.
ERR bit is cleared by ERCL command
Error signal
Error contents
SPMERR
SPM pin short error bit.
This bit is set to “1” if the SPM pin is short to SPP pin or GND
SPPERR
SPP pin short error bit
This bit is set to “1” if the SPP pin is short to SPM pin or GND
TSDERR
High temperature error bit.
This bit is set to “1” if the temperature of the LSI reaches or exceeds the temperature set by the
SAFE command. For details see the section on the SAFE command.
BLDERR
Power supply voltage error bit.
This bit is set to “1” if the power supply voltage level reaches or falls below the voltage set by
the SAFE command. For details see the section on the SAFE command.
WCMERR
Command tansfer errro bit.
This bit is set to “1” if a transfer error occurs in two-time command input mode.
If the ERR bit is set to “1”, the following status will be read
Output bit
D7
D6
D5
D4
D3
D2
D1
D0
OutPut
data
0
0
0
SPMERR
SPPERR
TSDERR
BLDERR
WCMERR
When the ERR bit=”1”, the state of five fail-safe functions is read. If any of fail-safe function is activated,
the ERR pin is set to a “H” level and the corresponding error bit is set to “1”. If the ERR pins set to a “H”
level, check the error contents using the RDSTAT command and take appropriate measures. ERR bit is
cleared by ERCL command
Error signal
Error contents
SPMERR
SPM pin short error bit.
This bit is set to “1” if the SPM pin is short to SPP pin or GND
SPPERR
SPP pin short error bit
This bit is set to “1” if the SPP pin is short to SPM pin or GND
TSDERR
High temperature error bit.
This bit is set to “1” if the temperature of the LSI reaches or exceeds the temperature set by the
SAFE command. For details see the section on the SAFE command.
BLDERR
Power supply voltage error bit.
This bit is set to “1” if the power supply voltage level reaches or falls below the voltage set by
the SAFE command. For details see the section on the SAFE command.
WCMERR
Command tansfer errro bit.
This bit is set to “1” if a transfer error occurs in two-time command input mode.
48/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com