Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 58Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 59Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 60Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 61Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 62Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 63Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 64Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 65Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
FEDL22Q553-02
ML22Q553
Handling of the SG Pin
The SG pin is the signal ground pin for the built-in speaker amplifier.
Connect a capacitor between this pin and
the analog ground so that this pin will not carry noise.
The recommended capacitance value is shown below; however, it is recommended that the user determine the
capacitance value after evaluation.
Always start playback after each output voltage is stabilized.
Pin
Recommended
capacitance value
Remarks
SG
0.1
μF ±20%
The larger the connection capacitance, the longer the speaker
amplifier output pin (SPM and SPP) voltage stabilization time.
Handling of the VDDL and VDDR Pins
The VDDL and VDDR pins are the power supply pins for the internal circuits.
Connect a capacitor between each
of these pins and the ground in order to prevent noise generation and power fluctuation.
The recommended capacitance value is shown below; however, it is recommended that the user determine the
capacitance value after evaluation.
Always start the next operation after each output voltage is stabilized.
Pin
Recommended
capacitance value
Remarks
VDDL, VDDR
10
μF ±20%
The larger the connection capacitance, the longer the
stabilization time.
62/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com