Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 49Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 50Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 51Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 52Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 53Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 54Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
FEDL22Q553-02
ML22Q553
θja changes by an implementation condition. The maximum ambient temperature(Tamax) that this LSI does
not detect the high temperature error is calculated in the following expressions in using the power dissipation.
Tamax = 130[
°C] - θja[°C/W] × P
D[W]
The maximum ambient temperature(Tamax) in power supply voltage 5.0V and θja=36[
°C/W] is as follows.
Tamax = 130[
°C] - 36 × 0.861 ≒ 99[°C]
The TM2–0 bits are used to set the monitor interval to detect a low voltage or temperature.
TM2
TM1
TM0
Monitor interval
0
0
0
Constantly monitors
0
0
1
2 ms (initial value)
0
1
0
4 ms
0
1
1
8 ms
1
0
0
16 ms
1
0
1
32 ms
1
1
0
64 ms
1
1
1
128 ms
51/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com