Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
FEDL22Q553-02
ML22Q553
10. MUON command
command
0
1
1
1
CH3
CH2
CH1
CH0
1st byte
M7
M6
M5
M4
M3
M2
M1
M0
2nd byte
The MUON command allows inserting a silence between two playback phrases.
The command can be input
when the NCR signal on the target channel is at a “H” level.
Set the silence time length after inputting this command.
It can be set for each channel.
The MUON
command allows specifying multiple channels at one time.
Setting any bit(s) from CH0 to CH3 to “1” plays
silence on the corresponding channel(s).
Channel settings
Channel
CH0
Setting this bit to “1” inserts a silence on channel 0.
CH1
Setting this bit to “1” inserts a silence on channel 1.
CH2
Setting this bit to “1” inserts a silence on channel 2.
CH3
Setting this bit to “1” inserts a silence on channel 3.
Be sure to set the channel setting bits( CH0-CH3).
As the silence length (M7–M0), a value between 20 ms and 1024 ms can be set at 4 ms intervals (252 steps in
total).
The equation to set the silence time length is shown below.
The silence length (M7–M0) must be set to 04h or higher.
tmu=(2
7×(M7)+26×(M6)+25×(M5)+24×(M4)+23×(M3)+22×(M2)+21×(M1)+20×(M0)+1)×4ms
The figure below shows the timing of inserting a silence of 20 ms between the repetitions of a phrase of (F7–F0)
= 01h.
CSB
SCK
SI
NCR
(internal)
BUSYB
(internal)
SPM
1/2VDD
SPP
1/2VDD
tcm
tcm
CBUSYB
PLAY command
2nd byte
MUON command
1st byte
MUON command
2nd byte
PLAY command
1st byte
PLAY command
2nd byte
Status
Playing
Address is being controlled
Awaiting command
Silence is being inserted
Playing
Waiting for silence insertion
to be finished
Waiting for playback to be finished
42/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com