Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
FEDL22Q553-02
ML22Q553
Description of Command Functions
1. PUP command
command
0
0
0
0
0
0
0
WCM
The PUP command is used to shift the ML22Q553 from a power down state to a command waiting state.
The ML22Q553 can only accept the PUP command while it is in a power down state.
Therefore, in a power
down state, the device will ignore any other command if entered.
The ML22Q553 enters a power down state under any of the following conditions:
1) When power is turned on
2) At RESETB input
3) When CBUSYB go to a “H” level after inputting the power down command
CS B
Sta t u s
O sc illa t io n st a b ilize d
SC K
SI
CB U S Y B
P o we r d o wn
XT XT B
Osc i ll a ti n g
O s c ill atio n s to pp ed
A w ait ing com m a n d
t
PU P
Res et bein g
pr oc es s ed
The WCM bit is used to set the two-time command input mode. When set to ”1”, the command input thereafter
will be processed in two-time command input mode and becomes valid only when the first data input matches
the second one.
WCM
Two-time command input mode
0
No (initial value)
1
Yes
The regulator starts operating after the PUP command is entered.
Any command will be ignored if entered
while oscillation is stabilized.
However, if a “L” level is input to the RESETB pin, the LSI enters a power
down state immediately.
Neither line output nor speaker output is enabled by the PUP command.
Power up the analog section by the
AMODE command.
28/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com