Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
FEDL22Q553-02
ML22Q553
Memory Allocation and Creating Voice Data
The ROM is partitioned into four data areas: voice (i.e., phrase) control area, test area, voice area, and edit ROM
area.
The voice control area manages the ROM’s voice data.
It contains data for controlling the start/stop addresses
of voice data for 1024 phrases, use/non-use of the edit ROM function and so on.
The test area contains data for testing.
The voice area contains actual waveform data.
The edit ROM area contains data for effective use of voice data.
For the details, refer to the section on “Edit
ROM Function.”
No edit ROM area is available unless the edit ROM is used.
The ROM data is created using a dedicated tool.
Configuration of ROM data
Voice control area
(Fixed 64 Kbits)
Test area
Edit ROM area
Depends on creation
of ROM data.
0x00000
0x01FFF
0x7FEC0
max: 0x7FEBF
Filter area
max: 0x7FFFF
0x02000
max: 0x7FEBF
Voice area
0x02070
0x0206F
Playback Time and Memory Capacity
The playback time depends on the memory capacity, sampling frequency, and playback method.
The equation showing the relationship is given below.
The equation below gives the playback time when the edit ROM function is not used.
1.024
× (Memory capacity − 64) (Kbits)
Sampling frequency (kHz)
× Bit length
Playback time =
(sec)
Example: Let the sampling frequency be 16 kHz and HQ-ADPCM algorithm.
Then the playback time is
approx. 80 seconds, as shown below.
1.024
× (4096 − 64) (Kbits)
16 (kHz)
× 3.2 (bits) (average)
Playback time =
≅ 80 (sec)
22/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com