| Electronic Components Datasheet Search |
|
ML22Q573 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22Q573 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers |
|
25 / 69 page ![]() FEDL22Q553-02 ML22Q553 Over-current detectible function at Speaker pins The over-current detectible function for the Speaker pins detect a short between SPP and SPM, and a short between SPP/SPM and GND. The over-current detectible function is effective on speaker power-up by the AMODE command. HiZ ERR Serial I/F PUP SPP SPVDD SPGND SPM SPVDD SPGND analog powerdown speaker powerdown analog powerup speaker powerup analog powerdown speaker powerdown analog powerup speaker powerup PDWN Status AMODE spkr_mode powerup AMODE spkr_mode powerdown DVDD PLAY AMODE spkr_mode powerup PUP over-current detectible function active over-current detectible function active over-current detectible function for Speaker pins When the over-current is detected, the speaker amplifier output pin(SPP/SPM) go to power-down forcibly, and a short error is informed by the ERR pin “H”. In the case of error outbreak, please confirm a status of error by the RDSTAT command, stop playback, and set the speaker power-down by the AMODE command. Afterwards, please clear an error by the ERCL command. If performing playback again, set the speaker power-up by the AMODE command, and next set the PLAY command. However, when shorting to GND is going on, even if the following operation is done, the speaker amplifier output pin(SPP/SPM) go to power-down forcibly, and the ERR pin becomes “H”. (1)After setting power-down by the AMODE command , do power-up by the AMODE command (2)After detect a short error, when input ERCL command without power-down operation of speaker amplifier by the AMODE command detect a short AMODE spkr_mode powerup ERCL PUP HiZ analog powerdown speaker powerdown analog powerup speaker powerup analog powerup speaker powerdown analog powerdown speaker powerdown analog powerup speaker powerup RDSTAT ERR read AMODE spkr_mode powerup AMODE spkr_mode powerdown over-current detectible function active HiZ SPVDD SPGND over-current detectible function active SPVDD SPGND Serial I/F SPP SPM Status ERR over-current detectible function Operation Flow (Example) 25/69 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |