Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 61Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 62Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 63Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 64Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 65Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 66Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 67Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 68Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 69Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
FEDL22Q553-02
ML22Q553
LIMITATION ON THE OPERATION TIME (PLAY-BACK TIME)
ML22Q553’s operating temperature is 105
°C. But the average ambient temperature at 1W play-back (8ohm
drive) during 10 years in the reliability design is Ta=70
°C. (max ( the package heat resistance θ
ja=24.6[
°C/W]) )
When ML22Q553 operates 1W play-back(8ohm drive) consecutively, the product life changes by the package
temperature rise by the consumption. This limitation does not matter in the state that a speaker amplifier does not
play.
The factor to decide the operation time ( play-back time ) is the average ambient temperature( Ta ), play-back
Watts( at the speaker drive mode), the soldering area ratio*1, and so on. In addition, the limitation on the
operation time changes by the heat designs of the board.
PACKAGE HEAT RESISTANCE VALUE (REFERENCE VALUE)
The following table is the package heat resistance value θja (reference value).
This value changes the condition of the board (size, layer number, and so on)
The board
θ
ja
The condition
JEDEC 4layers*1
(
W/L/t=76.2/114.5/1.6(mm))
24.6[
°C /W]
JEDEC 2layers*2
(
W/L/t=76.2/114.5/1.6(mm))
31.2[
°C /W]
No wind (0m/sec)
the soldering area ratio*3:100%
*1 : The wiring density : 1
st layer(Top) 60% / 2nd layer 100% / 3rd layer 100% / 4th layer(Bottom) 60%.
*2 : The wiring density : 1
st layer(Top) 60% / 2nd layer(Bottom) 100%.
*3 : The soldering area ratio is the ratio that the heat sink area of ML22Q553 and a land pattern on the board
are soldered. 100% mean that the heat sink area of ML22Q553 is completely soldered to the land pattern
on the board. About the land pattern on the board, be sure to refer to the next clause (PACKAGE
DIMENSIONS).
66/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com