Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
FEDL22Q553-02
ML22Q553
2. AMODE command
command
0
0
0
0
0
1
HPF1
HPF0
1st byte
0
DAG1
DAG0
AIG1 AIG0
DAEN
SPEN
POP
2nd byte
The AMODE command is used to configure various settings for the analog section.
If the PDWN command is input while the analog section is in the power-up state, the analog section enters a
power down state under the setting conditions that were in effect when the analog section was powered up by the
AMODE command.
To perform a power-down operation using different conditions from those used at analog
section power-up, set settings by the AMODE command.
To change the setting of DAEN/SPEN while the analog section is in the power-up state, first put the analog
section into the power-down state and then put the analog section into the power-up state again by the AMODE
command.
The detailed command settings are shown below.
Each setting is initialized upon reset release or by the PUP command.
Don’t input the STOP command during the AMODE command is being proccessed (CBUSYB=”L”).
Input the AMODE command for analog section into the power-down state before the PDWN command is input.
The HPF1/HPF0 bits set the cut-off frequency of the HPF.
HPF1
HPF0
Cut-off frequency
0
0
Off (initial value)
0
1
200 Hz
1
0
300 Hz
1
1
400 Hz
The POP bit specifies whether to suppress generation of “pop” noise.
- If the bit is “0” (no pop noise suppression) and the DAEN bit is “1”, the LINE output rises from the DGND
level to the SG level in about 35 ms, at which time the analog section enters the power-up state.
If the DAEN
bit is “0”, the LINE output falls from the SG level to the DGND level in about 110 ms, at which time the
analog section enters the power down state.
- If the bit is “1” (with pop noise suppression) and the DAEN bit is “1”, the LINE output rises from the DGND
level to the SG level in about 90 ms, at which time the analog section enters the power-up state.
If the DAEN
bit is “0”, the LINE output falls from the SG level to the DGND level in about 140 ms, at which time the
analog section enters the power down state.
POP
Pop noise suppression
0
No (initial value)
1
Yes
29/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com