Electronic Components Datasheet Search
  English  ▼

X  

ML22Q573 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
FEDL22Q553-02
ML22Q553
START Command Input Timing for Continuous Playback
The diagram below shows the START command input timing in cases where one phrase is played and then the
next phrase is played in succession.
SPM
1/2VDD
SPP
1/2VDD
Status
Playing phrase 1
Address is being controlled
Awaiting command
Playing phrase 2
CSB
SCK
SI
NCR
BUSYB
START command
tcm
CBUSYB
(internal)
(internal)
START command
As shown in the diagram above, if performing continuous playback, input the START command for the second
phrase within 10 ms (tcm) after the NCR signal on the target channel goes “H”. Please input the following
START command after checking that playback is completed by the RDSTAT command, when it is not
continuous playback.
40/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com