Electronic Components Datasheet Search
  English  ▼

X  

80960MC Datasheet(PDF) 9 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 9 Page - Intel Corporation

Back Button 80960MC Datasheet HTML 5Page - Intel Corporation 80960MC Datasheet HTML 6Page - Intel Corporation 80960MC Datasheet HTML 7Page - Intel Corporation 80960MC Datasheet HTML 8Page - Intel Corporation 80960MC Datasheet HTML 9Page - Intel Corporation 80960MC Datasheet HTML 10Page - Intel Corporation 80960MC Datasheet HTML 11Page - Intel Corporation 80960MC Datasheet HTML 12Page - Intel Corporation 80960MC Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
80960MC
PRELIMINARY
5
registers perform the same function as the general-
purpose registers provided in other popular micro-
processors. The term
global refers to the fact that
these registers retain their contents across proce-
dure calls.
The local registers are procedure-specific. For each
procedure call, the 80960MC allocates 16 local
registers (R0 through R15). Each local register is 32
bits wide. Any register can also be used for floating-
point operations; the 80-bit floating-point registers
are provided for extended precision.
1.1.4
Multiple Register Sets
To further increase the efficiency of the register set,
multiple sets of local registers are stored on-chip
(See Figure 4). This cache holds up to four local
register frames, which means that up to three proce-
dure calls can be made without having to access the
procedure stack resident in memory.
Although programs may have procedure calls nested
many calls deep, a program typically oscillates back
and forth between only two to three levels. As a
result, with four stack frames in the cache, the prob-
ability of having a free frame available on the cache
when a call is made is very high. Runs of representa-
tive C-language programs show that 80% of the calls
are handled without needing to access memory.
When four or more procedures are active and a new
procedure is called, the 80960MC moves the oldest
local register set in the stack-frame cache to a
procedure stack in memory to make room for a new
set of registers. Global register G15 is the frame
pointer (FP) to the procedure stack.
Global registers are not exchanged on a procedure
call, but retain their contents, making them available
to all procedures for fast parameter passing.
1.1.5
Instruction Cache
To further reduce memory accesses, the 80960MC
includes a 512-byte on-chip instruction cache. The
instruction cache is based on the concept of
locality
of reference; most programs are typically not
executed in a steady stream but consist of many
branches, loops and procedure calls that lead to
jumping back and forth in the same small section of
code. Thus, by maintaining a block of instructions in
cache, the number of memory references required to
read instructions into the processor is greatly
reduced.
To load the instruction cache, instructions are
fetched in 16-byte blocks; up to four instructions can
be fetched at one time. An efficient prefetch algo-
rithm increases the probability that an instruction is
already in the cache when it is needed.
Code for small loops often fits entirely within the
cache, leading to an increase in processing speed
since further memory references might not be
necessary until the program exits the loop. Similarly,
when calling short procedures, the code for the
calling procedure is likely to remain in the cache so it
is there on the procedure’s return.
1.1.6
Register Scoreboarding
The instruction decoder is optimized in several ways.
One optimization method is the ability to overlap
instructions by using
register scoreboarding.
Register scoreboarding occurs when a LOAD moves
a variable from memory into a register. When the
instruction initiates, a scoreboard bit on the target
register is set. Once the register is loaded, the bit is
reset. In between, any reference to the register
contents is accompanied by a test of the scoreboard
bit to ensure that the load has completed before
processing continues. Since the processor does not
need to wait for the LOAD to complete, it can
execute additional instructions placed between the
LOAD and the instruction that uses the register
contents, as shown in the following example:
ld data_2, r4
ld data_2, r5
Unrelated instruction
Unrelated instruction
add R4, R5, R6
In essence, the two unrelated instructions between
LOAD and ADD are executed “for free” (i.e., take no
apparent
time
to
execute)
because
they
are
executed while the register is being loaded. Up to
three load instructions can be pending at one time
with three corresponding scoreboard bits set. By
exploiting this feature, system programmers and
compiler writers have a useful tool for optimizing
execution speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com