Electronic Components Datasheet Search
  English  ▼

X  

80960MC Datasheet(PDF) 20 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 20 Page - Intel Corporation

Back Button 80960MC Datasheet HTML 16Page - Intel Corporation 80960MC Datasheet HTML 17Page - Intel Corporation 80960MC Datasheet HTML 18Page - Intel Corporation 80960MC Datasheet HTML 19Page - Intel Corporation 80960MC Datasheet HTML 20Page - Intel Corporation 80960MC Datasheet HTML 21Page - Intel Corporation 80960MC Datasheet HTML 22Page - Intel Corporation 80960MC Datasheet HTML 23Page - Intel Corporation 80960MC Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
80960MC
16
PRELIMINARY
2.5
Test Load Circuit
Figure 12 illustrates the load circuit used to test the
80960MC’s three-state pins; Figure 13 shows the
load circuit used to test the open drain outputs. The
open drain test uses an active load circuit in the form
of a matched diode bridge. Since the open-drain
outputs sink current, only the IOL legs of the bridge
are necessary and the IOH legs are not used. When
the 80960MC driver under test is turned off, the
output pin is pulled up to VREF (i.e., VOH). Diode D1
is turned off and the IOL current source flows through
diode D2.
When the 80960MC open-drain driver under test is
on, diode D1 is also on and the voltage on the pin
being tested drops to VOL. Diode D2 turns off and IOL
flows through diode D1.
Figure 11. Test Load Circuit for Three-State
Output Pins
Figure 12. Test Load Circuit for Open-Drain
Output Pins
THREE-STATE OUTPUT
CL = 50 pF for all signals
CL
CL
OPEN-DRAIN OUTPUT
IOL
D2
IOL Tested at 25 mA
VREF = VCC
D1 and D2 are matched
D1
CL = 50 pF for all signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com