Electronic Components Datasheet Search
  English  ▼

X  

80960MC Datasheet(PDF) 26 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 26 Page - Intel Corporation

Back Button 80960MC Datasheet HTML 22Page - Intel Corporation 80960MC Datasheet HTML 23Page - Intel Corporation 80960MC Datasheet HTML 24Page - Intel Corporation 80960MC Datasheet HTML 25Page - Intel Corporation 80960MC Datasheet HTML 26Page - Intel Corporation 80960MC Datasheet HTML 27Page - Intel Corporation 80960MC Datasheet HTML 28Page - Intel Corporation 80960MC Datasheet HTML 29Page - Intel Corporation 80960MC Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
80960MC
22
PRELIMINARY
Figure 18. HOLD Timing
A4490-01
HOLDR
HOLDAR
D
Secondary
D
HOLD
HLDA
Primary
Delay of 5 ns Minimum
is Required
Th
Th
Th
Th
CLK2
CLK
HOLDR
HOLD
HLDA
HLDAR
T9h
T11h
T9h
T11h
T12
T6h
T12
T6h
2.9
Design Considerations
Input hold times can be disregarded by the designer
whenever the input is removed because a subse-
quent output from the processor is deasserted (e.g.,
DEN becomes deasserted).
In other words, whenever the processor generates
an output that indicates a transition into a subse-
quent state, the processor must have sampled any
inputs for the previous state.
Similarly, whenever the processor generates an
output that indicates a transition into a subsequent
state, any outputs that are specified to be three
stated in this new state are guaranteed to be three
stated.
3.0
MECHANICAL DATA
3.1
Packaging
The 80960MC is available in one package type: a
132-lead ceramic pin-grid array (PGA). Pins are
arranged 0.100 inch (2.54 mm) center-to-center, in a
14 by 14 matrix, three rows around (see Figure 20).
Dimensions for the PGA package type is given in the
Intel
Packaging handbook (Order #240800).
3.1.1
Pin Assignment
Figure 21 shows the view from the PGA bottom (pins
facing up). Table 8 and Table 9 list the function of
each PGA pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com