Electronic Components Datasheet Search
  English  ▼

X  

80960MC Datasheet(PDF) 12 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 12 Page - Intel Corporation

Back Button 80960MC Datasheet HTML 8Page - Intel Corporation 80960MC Datasheet HTML 9Page - Intel Corporation 80960MC Datasheet HTML 10Page - Intel Corporation 80960MC Datasheet HTML 11Page - Intel Corporation 80960MC Datasheet HTML 12Page - Intel Corporation 80960MC Datasheet HTML 13Page - Intel Corporation 80960MC Datasheet HTML 14Page - Intel Corporation 80960MC Datasheet HTML 15Page - Intel Corporation 80960MC Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
80960MC
8
PRELIMINARY
Second, a set of synchronization instructions help
maintain memory coherency. These instructions
permit several processors to modify memory at the
same time without inserting inaccuracies or ambigu-
ities into shared data structures.
The self-dispatching mechanism — in addition to
being used in single-processor systems — provides
the means to increase the performance of a system
merely by adding processors. Each processor can
either work on the same pool of tasks (sharing the
same queue with other processors) or can be
restricted to its own queue.
When processors perform system operation, they
synchronize themselves by using atomic operations
and sending special messages between each other.
In theory, changing the number of processors in a
system
does not
require
a
software
change.
Software
executes
correctly regardless
of
the
number of processors in the system; systems with
more processors simply execute faster.
1.1.13 Interrupt Handling
The 80960MC can be interrupted in two ways: by the
activation of one of four interrupt pins or by sending
a message on the processor’s data bus.
The 80960MC is unusual in that it automatically
handles interrupts on a priority basis and can keep
track of pending interrupts through its on-chip inter-
rupt controller. Two of the interrupt pins can be
configured to provide 8259A-style handshaking for
expansion beyond four interrupt lines.
An interrupt message is made up of a vector number
and an interrupt priority. When the interrupt priority is
greater than that of the currently running task, the
processor accepts the interrupt and uses the vector
as an index into the interrupt table. When the priority
of the interrupt message is below that of the current
task, the processor saves the information in a
section of the interrupt table reserved for pending
interrupts.
1.1.14 Debug Features
The
80960MC
has
built-in
debug
capabilities,
including two types of breakpoints and six trace
modes. Debug features are controlled by two
internal 32-bit registers: the Process-Controls Word
and the Trace-Controls Word. By setting bits in these
control words, a software debug monitor can closely
control how the processor responds during program
execution.
The 80960MC has both hardware and software
breakpoints. It provides two hardware breakpoint
registers
on-chip
which,
by
using
a
special
command, can be set to any value. When the
instruction pointer matches either breakpoint register
value, the breakpoint handling routine is automati-
cally called.
The 80960MC also provides software breakpoints
through the use of two instructions: MARK and
FMARK. These can be placed at any point in a
program and cause the processor to halt execution
at that point and call the breakpoint handling routine.
The breakpoint mechanism is easy to use and
provides a powerful debugging tool.
Tracing is available for instructions (single step
execution), calls and returns and branching. Each
trace type may be enabled separately by a special
debug instruction. In each case, the 80960MC
executes the instruction first and then calls a trace
handling routine (usually part of a software debug
monitor). Further program execution is halted until
the routine completes, at which time execution
resumes at the next instruction. The 80960MC’S
tracing mechanisms, implemented completely in
hardware, greatly simplify the task of software test
and debug.
1.1.15 Fault Detection
The 80960MC has an automatic mechanism to
handle faults. There are ten fault types include
floating point, trace and arithmetic faults. When the
processor detects a fault, it automatically calls the
appropriate fault handling routine and saves the
current instruction pointer and necessary state infor-
mation to make efficient recovery possible. The
processor posts diagnostic information on the type of
fault to a Fault Record. Like interrupt handling
routines, fault handling routines are usually written to
meet the needs of specific applications and are often
included as part of the operating system or kernel.
For each of the ten fault types, numerous subtypes
provide specific information about a fault. For
example, a floating point fault may have the subtype
set to an Overflow or Zero-Divide fault. The fault
handler can use this specific information to respond
correctly to the fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com