Electronic Components Datasheet Search
  English  ▼

X  

80960MC Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960MC Datasheet HTML 10Page - Intel Corporation 80960MC Datasheet HTML 11Page - Intel Corporation 80960MC Datasheet HTML 12Page - Intel Corporation 80960MC Datasheet HTML 13Page - Intel Corporation 80960MC Datasheet HTML 14Page - Intel Corporation 80960MC Datasheet HTML 15Page - Intel Corporation 80960MC Datasheet HTML 16Page - Intel Corporation 80960MC Datasheet HTML 17Page - Intel Corporation 80960MC Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
80960MC
10
PRELIMINARY
ADS
O
O.D.
ADDRESS/DATA STATUS indicates an address state. ADS is asserted every Ta
state and deasserted during the following Td state. For a burst transaction, ADS is
asserted again every Td state where READY was asserted in the previous cycle.
W/R
O
O.D.
WRITE/READ specifies, during a Ta cycle, whether the operation is a write or read.
It is latched on-chip and remains valid during Td cycles.
DT/R
O
O.D.
DATA TRANSMIT / RECEIVE indicates the direction of data transfer to and from
the L-Bus. It is low during Ta and Td cycles for a read or interrupt acknowledgment;
it is high during Ta and Td cycles for a write. DT/R never changes state when DEN
is asserted.
DEN
O
O.D.
DATA ENABLE (active low) enables data transceivers. The processor asserts
DEN# during all Td and Tw states. The DEN# line is an open drain-output of the
80960MC.
READY
I
READY indicates that data on LAD lines can be sampled or removed. When
READY is not asserted during a Td cycle, the Td cycle is extended to the next cycle
by inserting a wait state (Tw) and ADS is not asserted in the next cycle.
LOCK
I/O
O.D.
BUS LOCK prevents bus masters from gaining control of the L-Bus during
Read/Modify/Write (RMW) cycles. The processor or any bus agent may assert
LOCK.
At the start of a RMW operation, the processor examines the LOCK pin. When the
pin is already asserted, the processor waits until it is not asserted. When the pin is
not asserted, the processor asserts LOCK during the Ta cycle of the read trans-
action. The processor deasserts LOCK in the Ta cycle of the write transaction.
During the time LOCK is asserted, a bus agent can perform a normal read or write
but not a RMW operation.
The processor also asserts LOCK during interrupt-acknowledge transactions.
Do not leave LOCK unconnected. It must be pulled high for the processor to
function properly.
BE3:0
O
O.D.
BYTE ENABLE LINES specify the data bytes (up to four) on the bus which are
used in the current bus cycle. BE3 corresponds to LAD31:24; BE0 corresponds to
LAD7:0.
The byte enables are provided in advance of data:
Byte enables asserted during Ta specify the bytes of the first data word.
Byte enables asserted during Td specify the bytes of the next data word, if any (the
word to be transmitted following the next assertion of READY).
Byte enables that occur during Td cycles that precede the last assertion of READY
are undefined. Byte enables are latched on-chip and remain constant from one Td
cycle to the next when READY is not asserted.
For reads, byte enables specify the byte(s) that the processor actually uses. L-Bus
agents are required to assert only adjacent byte enables (e.g., asserting just BE0
and BE2 is not permitted) and are required to assert at least one byte enable.
Address bits A0 and A1 can be decoded externally from the byte enables.
Table 4. 80960MC Pin Description: L-Bus Signals (Sheet 2 of 3)
NAME
TYPE
DESCRIPTION
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com