Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 157 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 157 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 153Page - Intel Corporation 82374EB Datasheet HTML 154Page - Intel Corporation 82374EB Datasheet HTML 155Page - Intel Corporation 82374EB Datasheet HTML 156Page - Intel Corporation 82374EB Datasheet HTML 157Page - Intel Corporation 82374EB Datasheet HTML 158Page - Intel Corporation 82374EB Datasheet HTML 159Page - Intel Corporation 82374EB Datasheet HTML 160Page - Intel Corporation 82374EB Datasheet HTML 161Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 208 page
background image
82374EB82374SB
Table 26 Suggested Default Values For Interrupt Controller Registers
Port
Value
Description of Contents
020h
11h
CNTLR-1 ICW1
021h
08h
CNTLR-1 ICW2 Vector Address for 000020h
021h
04h
CNTLR-1 ICW3 Indicates Slave Connection
021h
01h
CNTLR-1 ICW4 8086 Mode
021h
B8h
CNTLR-1 Interrupt Mask (may vary)
4D0h
00h
CNTLR-1 EdgeLevel Control Register
0A0h
11h
CNTLR-2 ICW1
0A1h
70h
CNTLR-2 ICW2 Vector Address for 0001C0h
0A1h
02h
CNTLR-2 ICW3 Indicates Slave ID
0A1h
01h
CNTLR-2 ICW4 8086 Mode
4D1h
00h
CNTLR-2 EdgeLevel Control Register
0A1h
BDh
CNTLR-2 Interrupt Mask (may vary)
Figure 20 illustrates the sequence software must follow to load the interrupt controller Initialization Command
Words (ICWs) The sequence must be executed for CNTRL-1 and CNTRL-2 After writing ICW1 ICW2 ICW3
and ICW4 must be written in order Any divergence from this sequence such as an attempt to program an
OCW will result in improper initialization of the interrupt controller and unexpected erratic system behavior It
is suggested that CNTRL-2 be initialized first followed by CNTRL-1
In the ESC it is required that all four Initialization Command Words (ICWs) be initialized As shown in Figure
20 all ICWs must be programmed prior to programming the OCWs
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com