Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 1 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 1 Page - Intel Corporation

  DD28F032SA Datasheet HTML 1Page - Intel Corporation DD28F032SA Datasheet HTML 2Page - Intel Corporation DD28F032SA Datasheet HTML 3Page - Intel Corporation DD28F032SA Datasheet HTML 4Page - Intel Corporation DD28F032SA Datasheet HTML 5Page - Intel Corporation DD28F032SA Datasheet HTML 6Page - Intel Corporation DD28F032SA Datasheet HTML 7Page - Intel Corporation DD28F032SA Datasheet HTML 8Page - Intel Corporation DD28F032SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
E
December 1996
Order Number: 290490-005
n User-Selectable 3.3V or 5V VCC
n User-Configurable x8 or x16 Operation
n 70 ns Maximum Access Time
n 28.6 MB/sec Burst Write Transfer Rate
n 1 Million Typical Erase Cycles per Block
n 56-Lead, 1.2 x 14 x 20 mm Advanced
Dual Die TSOP Package Technology
n 64 Independently Lockable Blocks
n Revolutionary Architecture
100% Backwards-Compatible with
Intel 28F016SA
Pipelined Command Execution
Program during Erase
n 2 mA Typical ICC in Static Mode
n 2 µA Typical Deep Power-Down
n State-of-the-Art 0.6 µm ETOX™ IV Flash
Technology
Intel’s DD28F032SA 32-Mbit FlashFile™ memory is a revolutionary architecture which enables the design of
truly mobile, high performance, personal computing and communication products. With innovative
capabilities, low power operation and very high read/program performance, the DD28F032SA is also the ideal
choice for designing embedded mass storage flash memory systems.
The DD28F032SA is the result of highly-advanced packaging innovation which encapsulates two 28F016SA
die in a single Dual Die Thin Small Outline Package (DDTSOP).
The DD28F032SA is the highest density, highest performance nonvolatile read/program solution for solid-
state storage applications. Its symmetrically-blocked architecture (100% compatible with the 28F016SA
16-Mbit FlashFile memory), very high-cycling, low-power 3.3V operation, very fast program and read
performance and selective block locking provide a highly flexible memory component suitable for high-density
memory cards, Resident Flash Arrays and PCMCIA-ATA Flash Drives. The DD28F032SA’s dual read voltage
enables the design of memory cards which can be read/written in 3.3V and 5.0V systems interchangeably. Its
x8/x16 architecture allows the optimization of memory to processor interface. The flexible block locking option
enables bundling of executable application software in a Resident Flash Array or memory card. The
DD28F032SA will be manufactured on Intel’s 0.6 µm ETOX IV technology.
DD28F032SA
32-MBIT (2 MBIT X 16, 4 MBIT X 8)
FlashFile™ MEMORY


Similar Part No. - DD28F032SA

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD285N EUPEC-DD285N Datasheet
241Kb / 10P
Netz-Dioden-Modul Rectifier Diode Module
DD285N EUPEC-DD285N Datasheet
272Kb / 10P
Rectifier Diode Module
DD285N EUPEC-DD285N_04 Datasheet
272Kb / 10P
Rectifier Diode Module
More results

Similar Description - DD28F032SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
Silicon Storage Technol...
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com