Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 24 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 24 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 20Page - Intel Corporation DD28F032SA Datasheet HTML 21Page - Intel Corporation DD28F032SA Datasheet HTML 22Page - Intel Corporation DD28F032SA Datasheet HTML 23Page - Intel Corporation DD28F032SA Datasheet HTML 24Page - Intel Corporation DD28F032SA Datasheet HTML 25Page - Intel Corporation DD28F032SA Datasheet HTML 26Page - Intel Corporation DD28F032SA Datasheet HTML 27Page - Intel Corporation DD28F032SA Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
DD28F032SA
E
24
6.4 DC Characteristics
VCC = 3.3V ± 0.3V, TA = 0°C to +70°C
3/5# = Pin Set High for 3.3V Operations
Symbol
Parameter
Notes
Min
Typ
Max
Units
Test Conditions
IIL
Input Load Current
1
± 2
µA
VCC = VCC Max
VIN = VCC or GND
ILO
Output Leakage
Current
1
± 20
µA
VCC = VCC Max
VIN = VCC or GND
ICCS
VCC Standby
Current
1,5,6,8
100
200
µA
VCC = VCC Max
CE0#, CEX#, RP#, = VCC ±
0.2V
BYTE#, WP#, 3/5# = VCC ±
0.2V or GND ± 0.2V
28
mA
VCC= VCC Max
CE0#, CEX#, RP# = VIH
BYTE#, WP#, 3/5# = VIH or
VIL
ICCD
VCC Deep Power-
Down Current
1
2
10
µA
RP# = GND
± 0.2V
BYTE# = VCC ± 0.2V or GND
± 0.2V
ICCR1VCC Read Current
1,4,5,6
25
30
mA
VCC = VCC Max
CMOS: CE0#, CEX# = GND
± 0.2V, BYTE# = GND ±
0.2V or VCC ± 0.2V,
Inputs = GND ± 0.2V or
VCC ± 0.2V
f = 6.67 MHz, IOUT = 0 mA
26
34
mA
TTL: CE0#, CEX# = VIL,
BYTE# = VIL or VIH’
Inputs = VIL or VIH
f = 6.67 MHz, IOUT = 0 mA
ICCW
VCC Program
Current for Word or
Byte
1,7
8
12
mA
Program in Progress
ICCE
VCC Block Erase
Current
1,7
6
12
mA
Block Erase in Progress
ICCES
VCC Erase
Suspend Current
1,2,6,7
3
6
mA
CE0#, CEX# = VIH
Block Erase Suspended
IPPS
VPP Standby/
1
± 2
± 20
µA
VPP ≤ VCC
IPPR
Read Current
130
400
µA
VPP > VCC
IPPD
VPP Deep Power-
Down Current
1
0.4
10
µA
RP# = GND ± 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com