Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 44 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 44 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 40Page - Intel Corporation DD28F032SA Datasheet HTML 41Page - Intel Corporation DD28F032SA Datasheet HTML 42Page - Intel Corporation DD28F032SA Datasheet HTML 43Page - Intel Corporation DD28F032SA Datasheet HTML 44Page - Intel Corporation DD28F032SA Datasheet HTML 45Page - Intel Corporation DD28F032SA Datasheet HTML 46Page - Intel Corporation DD28F032SA Datasheet HTML 47Page - Intel Corporation DD28F032SA Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
DD28F032SA
E
44
6.11 Erase and Word/Byte Write Performance, Cycling Performance
and Suspend Latency(3)
VCC = 3.3V ± 0.3V, VPP = 12.0V ± 0.6V, TA = 0°C to +70°C
Sym
Parameter
Notes
Min
Typ(1)
Max
Units
Test Conditions
Page Buffer Byte Write Time
2,4
3.26
Note 6
µs
Page Buffer Word Write Time
2,4
6.53
Note 6
µs
tWHRH1 Word/Byte Program Time
2
9
Note 6 µs
tWHRH2 Block Program Time
2
0.6
2.1
sec
Byte Program
tWHRH3 Block Program Time
2
0.3
1.0
sec
Word Program
Block Erase Time
2
0.8
10
sec
Full Chip Erase Time
2
51.2
sec
Erase Suspend Latency Time
to Read
7.0
µs
Auto Erase Suspend Latency
Time to Program
10.0
µs
Erase Cycles
5
100,000 1,000,000
Cycles
VCC = 5.0V ± 0.5V, VPP = 12.0V ± 0.6V, TA = 0°C to +70°C
Sym
Parameter
Notes
Min
Typ(1)
Max
Units
Test Conditions
Page Buffer Byte Write Time
2,4
2.76
Note 6
µs
Page Buffer Word Write Time
2,4
5.51
Note 6
µs
tWHRH1 Word/Byte Program Time
2
6
Note 6
µs
tWHRH2 Block Program Time
2
0.4
2.1
sec
Byte Program
tWHRH3 Block Program Time
2
0.2
1.0
sec
Word Program
Block Erase Time
2
0.6
10
sec
Full Chip Erase Time
2
38.4
sec
Erase Suspend Latency Time
to Read
5.0
µs
Auto Erase Suspend Latency
Time to Program
8.0
µs
Erase Cycles
5
100,000 1,000,000
Cycles
NOTES:
1. +25°C, V
CC = 3.3V or 5.0V nominal, VPP = 12.0V nominal, 10K cycles.
2. Excludes system-level overhead.
3. These performance numbers are valid for all speed versions.
4. This assumes using the full Page Buffer to program to the flash memory (256 bytes or 128words).
5. 1,000,000 cycle performance assumes the application uses block retirement techniques.
6. This information will be available in a technical paper. Please call Intel’s Application hotline or your local Intel sales office for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com