Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 6 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 6 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 2Page - Intel Corporation DD28F032SA Datasheet HTML 3Page - Intel Corporation DD28F032SA Datasheet HTML 4Page - Intel Corporation DD28F032SA Datasheet HTML 5Page - Intel Corporation DD28F032SA Datasheet HTML 6Page - Intel Corporation DD28F032SA Datasheet HTML 7Page - Intel Corporation DD28F032SA Datasheet HTML 8Page - Intel Corporation DD28F032SA Datasheet HTML 9Page - Intel Corporation DD28F032SA Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
DD28F032SA
E
6
The DD28F032SA provides user-selectable block
locking to protect code or data such as device
drivers,
PCMCIA
card
information,
ROM-
executable O/S or application code. Each block
has an associated nonvolatile lock-bit which
determines the lock status of the block. In
addition, the DD28F032SA has a master Write
Protect
pin
(WP#)
which
prevents
any
modifications to memory blocks whose lock-bits
are set.
The DD28F032SA contains three types of Status
Registers to accomplish various functions:
• A Compatible Status Register (CSR) which is
100% compatible with the 28F008SA FlashFile
memory’s Status Register. This register, when
used alone, provides a straightforward upgrade
capability
to
the
DD28F032SA
from
a
28F008SA-based design.
• A Global Status Register (GSR) which informs
the system of Command Queue status, Page
Buffer status, and overall Write State Machine
(WSM) status.
• 64 Block Status Registers (BSRs) which
provide block-specific status information such
as the block lock-bit status.
The GSR and BSR memory maps for byte-wide
and word-wide modes are shown in Figures 4
and 5.
The DD28F032SA incorporates an open drain
RY/BY# output pin. This feature allows the user to
OR-tie many RY/BY# pins together in a multiple
memory configuration such as a Resident Flash
Array. Other configurations of the RY/BY# pin are
enabled via special CUI commands and are
described in detail in the
16-Mbit Flash Product
Family User’s Manual.
The DD28F032SA also incorporates three chip-
enable input pins, CE0#, CE1# and CE2#. The
active low combination of CE0# and CE1# controls
the first 28F016SA. The active low combination of
CE0# and CE2# controls the second 28F016SA.
The
BYTE#
pin
allows
either
x8
or
x16
read/programs to the DD28F032SA. BYTE# at
logic low selects 8-bit mode with address A0
selecting between low byte and high byte. On the
other hand, BYTE# at logic high enables 16-bit
operation with address A1 becoming the lowest
order address and address A0 is not used (don’t
care). A device block diagram is shown in Figure
1
.
The DD28F032SA is specified for a maximum
access time of 70 ns (tACC) at 5.0V operation
(4.75V to 5.25V) over the commercial temperature
range (0°C to +70°C). A corresponding maximum
access time of 150 ns at 3.3V (3.0V to 3.6V and
0°C to +70°C) is achieved for reduced power
consumption applications.
The DD28F032SA incorporates an Automatic
Power Saving (APS) feature which substantially
reduces the active current when the device is in
static
mode
of
operation
(addresses
not
switching).
A deep power-down mode of operation is invoked
when the RP# (called PWD# on the 28F008SA)
pin is driven low. This mode provides additional
write protection by acting as a device reset pin
during power transitions. In the deep power-down
state, the WSM is reset (any current operation will
abort) and the CSR, GSR and BSR registers are
cleared.
A CMOS standby mode of operation is enabled
when either CE0#, or both CE1# and CE2#,
transition high and RP# stays high with all input
control pins at CMOS levels.
2.0 DEVICE PINOUT
The DD28F032SA Standard 56-Lead Dual Die
TSOP Type I pinout configuration is shown in
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com