Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 37 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 37 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 33Page - Intel Corporation DD28F032SA Datasheet HTML 34Page - Intel Corporation DD28F032SA Datasheet HTML 35Page - Intel Corporation DD28F032SA Datasheet HTML 36Page - Intel Corporation DD28F032SA Datasheet HTML 37Page - Intel Corporation DD28F032SA Datasheet HTML 38Page - Intel Corporation DD28F032SA Datasheet HTML 39Page - Intel Corporation DD28F032SA Datasheet HTML 40Page - Intel Corporation DD28F032SA Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
E
DD28F032SA
37
6.9 AC Characteristics for CEX#—Controlled Command Write Operations(1)
VCC = 3.3V ± 0.3V, TA = 0°C to +70°C
Versions
DD28F032SA-150
Symbol
Parameter
Notes
Min
Typ
Max
Unit
tAVAV
Write Cycle Time
150
ns
tVPEH
VPP Setup to CEX# Going High
3
100
ns
tPHWL
RP# Setup to WE# Going Low
480
ns
tWLEL
WE# Setup to CEX# Going Low
0
ns
tAVEH
Address Setup to CEX# Going High
2,6
75
ns
tDVEH
Data Setup to CEX# Going High
2,6
85
ns
tELEH
CEX# Pulse Width
75
ns
tEHDX
Data Hold from CEX# High
2
10
ns
tEHAX
Address Hold from CEX# High
2
10
ns
tEHWH
WE# Hold from CEX# High
10
ns
tEHEL
CEX# Pulse Width High
75
ns
tGHEL
Read Recovery before Write
0
ns
tEHRL
CEX# High to RY/BY# Going Low
100
ns
tRHPL
RP# Hold from Valid Status Register
(CSR, GSR, BSR) Data and RY/BY# High
30
ns
tPHEL
RP# High Recovery to CEX# Going Low
1
µs
tEHGL
Write Recovery before Read
120
ns
tQVVL
VPP Hold from Valid Status Register
(CSR, GSR, BSR) Data and RY/BY# High
0µs
tEHQV1
Duration of Word/Byte Program Operation
4,5
5
9
Note 7
µs
tEHQV2
Duration of Block Erase Operation
4
0.3
10
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com