Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 19 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 19 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 15Page - Intel Corporation DD28F032SA Datasheet HTML 16Page - Intel Corporation DD28F032SA Datasheet HTML 17Page - Intel Corporation DD28F032SA Datasheet HTML 18Page - Intel Corporation DD28F032SA Datasheet HTML 19Page - Intel Corporation DD28F032SA Datasheet HTML 20Page - Intel Corporation DD28F032SA Datasheet HTML 21Page - Intel Corporation DD28F032SA Datasheet HTML 22Page - Intel Corporation DD28F032SA Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
E
DD28F032SA
19
6.0 ELECTRICAL SPECIFICATIONS
6.1 Absolute Maximum Ratings*
Temperature Under Bias ....................0°C to +80°C
Storage Temperature ...................–65°C to +125°C
NOTICE: This is a production datasheet. The specifications
are subject to change without notice. Verify with your local
Intel Sales office that you have the latest datasheet before
finalizing a design.
* WARNING: Stressing the device beyond the "Absolute
Maximum Ratings" may cause permanent damage. These
are stress ratings only. Operation beyond the "Operating
Conditions" is not recommended and extended exposure
beyond the "Operating Conditions" may affect device
reliability.
VCC = 3.3V ± 0.3V Systems
Symbol
Parameter
Notes
Min
Max
Units
Test Conditions
TA
Operating Temperature, Commercial
1
0
70
°C
Ambient
Temperature
VCC
VCC with Respect to GND
2
–0.2
7.0
V
VPP
VPP Supply Voltage with Respect to GND
2,3
–0.2
14.0
V
V
Voltage on any Pin (except VCC,VPP) with
Respect to GND
2
–0.5
VCC
+ 0.5
V
I
Current into Any Non-Supply Pin
5
± 30
mA
IOUT
Output Short Circuit Current
4
100
mA
VCC = 5.0V ± 0.5V, VCC = 5.0V ± 0.25V Systems(6)
Symbol
Parameter
Notes
Min
Max
Units
Test Conditions
TA
Operating Temperature, Commercial
1
0
70
°C
Ambient
Temperature
VCC
VCC with Respect to GND
2
–0.2
7.0
V
VPP
VPP Supply Voltage with Respect to GND
2,3
–0.2
14.0
V
V
Voltage on Any Pin (except VCC,VPP) with
Respect to GND
2
–2.0
7.0
V
I
Current into Any Non-Supply Pin
5
± 30
mA
IOUT
Output Short Circuit Current
4
100
mA
NOTES:
1. Operating temperature is for commercial product defined by this specification.
2. Minimum DC voltage is –0.5V on input/output pins. During transitions, this level may undershoot to–2.0V for periods
<20 ns. Maximum DC voltage on input/output pins is V
CC + 0.5V which, during transitions, may overshoot to VCC + 2.0V for
periods <20 ns.
3. Maximum DC voltage on V
PP may overshoot to +14.0V for periods <20 ns.
4. Output shorted for no more than one second. No more than one output shorted at a time.
5. This specification also applies to pins marked “NC.”
6. 5% V
CC specifications refer to the DD28F032SA-070 in its High Speed Test configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com