Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 47 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 47 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 41Page - Intel Corporation DD28F032SA Datasheet HTML 42Page - Intel Corporation DD28F032SA Datasheet HTML 43Page - Intel Corporation DD28F032SA Datasheet HTML 44Page - Intel Corporation DD28F032SA Datasheet HTML 45Page - Intel Corporation DD28F032SA Datasheet HTML 46Page - Intel Corporation DD28F032SA Datasheet HTML 47Page - Intel Corporation DD28F032SA Datasheet HTML 48Page - Intel Corporation DD28F032SA Datasheet HTML 49Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
E
DD28F032SA
47
8.0 MECHANICAL SPECIFICATIONS
E
DETAIL A
D1
Z
A2
SEE DETAIL
A1
A
SEE DETAIL A
C
DETAIL B
b
O
O
O
O
SEATING
PLANE
e
Y
D
L
Ø
290490-26
Figure 24. Mechanical Specifications of the Dual Die 56-Lead TSOP Type I Package
Family: Dual Die Thin Small Out-Line Package
Symbol
Millimeters
Notes
Minimum
Nominal
Maximum
A
1.20
A1
0.05
A2
0.965
0.995
1.025
b
0.100
0.150
0.200
c
0.115
0.125
0.135
D1
18.20
18.40
18.60
E
13.80
14.00
14.20
e
0.50
D
19.80
20.00
20.20
L
0.500
0.600
0.700
N56
∅
0°
3°
5°
Y
0.100
Z
0.150
0.250
0.350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com