Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 25 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 25 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 21Page - Intel Corporation DD28F032SA Datasheet HTML 22Page - Intel Corporation DD28F032SA Datasheet HTML 23Page - Intel Corporation DD28F032SA Datasheet HTML 24Page - Intel Corporation DD28F032SA Datasheet HTML 25Page - Intel Corporation DD28F032SA Datasheet HTML 26Page - Intel Corporation DD28F032SA Datasheet HTML 27Page - Intel Corporation DD28F032SA Datasheet HTML 28Page - Intel Corporation DD28F032SA Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
E
DD28F032SA
25
6.4 DC Characteristics (Continued)
VCC = 3.3V ± 0.3V, TA = 0°C to +70°C
3/5# Pin Set High for 3.3V Operations
Symbol
Parameter
Notes
Min
Typ
Max
Units
Test Conditions
IPPW
VPP Program
Current for Word or
Byte
110
15
mA
VPP = VPPH
Program in Progress
IPPE
VPP Block Erase
Current
1
4
10
mA
VPP = VPPH
Block Erase in Progress
IPPES
VPP Erase
Suspend Current
1
130
400
µA
VPP = VPPH
Block Erase Suspended
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.0
VCC
± 0.3
V
VOL
Output Low Voltage
0.4
V
VCC = VCC Min
IOL = 4 mA
VOH1
Output High
Voltage
2.4
V
VCC = VCC Min
IOH = –2.0 mA
VOH2
VCC
– 0.2
VCC = VCC Min
IOH = –100 µA
VPPL
VPP during Normal
Operations
3
0.0
6.5
V
VPPH
VPP during
Program/Erase
Operations
11.4
12.0
12.6
V
VLKO
VCC Program/Erase
Lock Voltage
2.0
V
NOTES:
1.
All current are in RMS unless otherwise noted. Typical values at V
CC = 3.3V, VPP = 12.0V, T = 25°C. These currents are
valid for all product versions (package and speeds).
2.
I
CCES is specified with the device de-selected. If the device is read while in erase suspend mode, current draw is the sum
of I
CCES and ICCR.
3.
Block erases, word/byte programs and lock block operations are inhibited when V
PP = VPPL and not guaranteed in the
range between V
PPH and VPPL.
4.
Automatic Power Savings (APS) reduces I
CCR to <1 mA in static operation.
5.
CMOS Inputs are either V
CC ± 0.2V or GND ± 0.2V. TTL Inputs are either VIL or VIH.
6.
CE
X# = CE1# or CE2#.
7.
If operating with TTL levels, add 4 mA of VCC Standby Current to max ICCR1, ICCR2, ICCW, ICCE and ICCES.
8.
Standby current levels are not reached when putting the chip in standby mode immediately after reading the page buffer.
Default the device into read array or read Status Register mode before entering standby to ensure standby current levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com