Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 28 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 28 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 24Page - Intel Corporation DD28F032SA Datasheet HTML 25Page - Intel Corporation DD28F032SA Datasheet HTML 26Page - Intel Corporation DD28F032SA Datasheet HTML 27Page - Intel Corporation DD28F032SA Datasheet HTML 28Page - Intel Corporation DD28F032SA Datasheet HTML 29Page - Intel Corporation DD28F032SA Datasheet HTML 30Page - Intel Corporation DD28F032SA Datasheet HTML 31Page - Intel Corporation DD28F032SA Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
DD28F032SA
E
28
6.6 AC Characteristics—Read Only Operations(1)
VCC = 3.3V ± 0.3V, TA = 0°C to +70°C
Versions (5)
DD28F032SA-150
Symbol
Parameter
Notes
Min
Max
Units
tAVAV
Read Cycle Time
150
ns
tAVQV
Address to Output Delay
150
ns
tELQV
CEX# to Output Delay
2
150
ns
tPHQV
RP# High to Output Delay
750
ns
tGLQV
OE# to Output Delay
2
50
ns
tELQX
CEX# to Output in Low Z
3
0
ns
tEHQZ
CEX# to Output in High Z
3
35
ns
tGLQX
OE# to Output in Low Z
3
0
ns
tGHQZ
OE# to Output in High Z
3
20
ns
tOH
Output Hold from Address, CEX# or
OE# Change, Whichever Occurs First
30
ns
tFLQV
tFHQV
BYTE# to Output Delay
3
150
ns
tFLQZ
BYTE# Low to Output in High Z
3
40
ns
tELFL
tELFH
CEX# Low to BYTE# High or Low
3
5
ns
For Extended Status Register Reads
tAVEL
Address Setup to CEX# Going Low
3,4
0
ns
tAVGL
Address Setup to OE# Going Low
3,4
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com