Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 30 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 30 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 26Page - Intel Corporation DD28F032SA Datasheet HTML 27Page - Intel Corporation DD28F032SA Datasheet HTML 28Page - Intel Corporation DD28F032SA Datasheet HTML 29Page - Intel Corporation DD28F032SA Datasheet HTML 30Page - Intel Corporation DD28F032SA Datasheet HTML 31Page - Intel Corporation DD28F032SA Datasheet HTML 32Page - Intel Corporation DD28F032SA Datasheet HTML 33Page - Intel Corporation DD28F032SA Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
DD28F032SA
E
30
NOTES:
1. See AC Input/Output Reference Waveforms for timing measurements, Figures 6 and 7.
2. OE# may be delayed up to t
ELQV-tGLQV after the falling edge of CEX# without impact in tELQV.
3. Sampled, not 100% tested.
4. This timing parameter is used to latch the correct BSR data onto the outputs.
5. Device speeds are defined as:
70/80 ns at V
CC = 5.0V equivalent to
150 ns at V
CC = 3.3V
100 ns at V
CC = 5.0V equivalent to
150 ns at V
CC = VCC = 3.3V
6. See AC Input/Output Reverence Waveforms and AC Testing Load Circuits for High Speed Test Configuration.
7. See Standard AC Input/Output Reference Waveforms and AC Testing Load Circuit.
HIGH Z
HIGH Z
ADDRESSES STABLE
VALID OUTPUT
V
IH
V
IL
V
IH
V IL
VIH
V
IL
V
IH
VCC
GND
5.0V
V
IH
VIL
t
t
t
t
t
PHQV
AVQV
GLQV
ELQV
tGLQX
t
ELQX
t
AVAV
t
EHQZ
t GHQZ
OH
ADDRESSES (A)
OE# (G)
WE# (W)
DATA (D/Q)
RP# (P)
V
OL
t
AVGL
t AVEL
CEx# (E)
(1)
V
IL
VOH
0490-11
NOTES:
For 28F016SA No. 1: CE
X# is defined as the latter of CE0# or CE1# going low, or the first of CE0# or CE1# going high.
For 28F016SA No. 2: CE
X# is defined as the latter of CE0# or CE2# going low, or the first of CE0# or CE2# going high.
Figure 11. Read Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com