Electronic Components Datasheet Search
  English  ▼

X  

DD28F032SA Datasheet(PDF) 14 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 14 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 10Page - Intel Corporation DD28F032SA Datasheet HTML 11Page - Intel Corporation DD28F032SA Datasheet HTML 12Page - Intel Corporation DD28F032SA Datasheet HTML 13Page - Intel Corporation DD28F032SA Datasheet HTML 14Page - Intel Corporation DD28F032SA Datasheet HTML 15Page - Intel Corporation DD28F032SA Datasheet HTML 16Page - Intel Corporation DD28F032SA Datasheet HTML 17Page - Intel Corporation DD28F032SA Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
DD28F032SA
E
14
5.3 28F008SA Compatible Mode Command Bus Definitions
First Bus Cycle
Second Bus Cycle
Command
Notes
Oper
Addr
Data
Oper
Addr
Data
Read Array
Write
X
xxFFH
Read
AA
AD
Intelligent Identifier
1
Write
X
xx90H
Read
IA
ID
Read Compatible Status Register
2
Write
X
xx70H
Read
X
CSRD
Clear Status Register
3
Write
X
xx50H
Word/Byte Program
Write
X
xx40H
Write
PA
PD
Alternate Word/Byte Program
Write
X
xx10H
Write
PA
PD
Block Erase/Confirm
Write
X
xx20H
Write
BA
xxD0H
Erase Suspend/Resume
Write
X
xxB0H
Write
X
xxD0H
ADDRESS
DATA
A = Array Address
AD = Array Data
BA = Block Address
CSRD = CSR Data
IA = Identifier Address
ID = Identifier Data
PA = Program Address
PD = Program Data
X = Don’t Care
NOTES:
1.
Following the Intelligent Identifier command, two read operations access the manufacturer and device signature codes.
2.
The CSR is automatically available after device enters data program, block erase, or suspend operations.
3.
Clears CSR.3, CSR.4 and CSR.4. Also clears GSR.4 and all BSR.4 and BSR.2 bits.
4.
The upper byte of the data bus (DQ8–15) during command writes is a “Don’t Care” in x16 operation of the device.
See Status Register definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com