Electronic Components Datasheet Search
  English  ▼

X  

IMC010FLSA Datasheet(PDF) 15 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 15 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 11Page - Intel Corporation IMC010FLSA Datasheet HTML 12Page - Intel Corporation IMC010FLSA Datasheet HTML 13Page - Intel Corporation IMC010FLSA Datasheet HTML 14Page - Intel Corporation IMC010FLSA Datasheet HTML 15Page - Intel Corporation IMC010FLSA Datasheet HTML 16Page - Intel Corporation IMC010FLSA Datasheet HTML 17Page - Intel Corporation IMC010FLSA Datasheet HTML 18Page - Intel Corporation IMC010FLSA Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
If the READY-BUSY MASK REGISTER bits are set
to ones (masked condition) the RDYBSY
output
and the CARD STATUS REGISTER RDYBSY
bit
will reflect a READY condition regardless of the
state of the corresponding devices The READY-
BUSY MASK REGISTER does not affect the
READY-BUSY STATUS REGISTER allowing soft-
ware polling to determine operation status
Unmasked is the default condition for the bits in this
register On memory cards with fewer than 20 devic-
es unused device mask bits appear as masked
READY-BUSY MODE REGISTER
(INTEL)
The READY-BUSY MODE REGISTER (Attribute
Memory Plane Address 4140H Figure 12) provides
the selection of two types of system interfacing for
the
busy-to-ready
transition
of
the
card’s
RDYBSY
pin
1 The standard PCMCIA READY-BUSY MODE in
which the card’s RDYBSY
signal generates a
low-to-high transition (from busy to ready) only
after
all busy devices (not including masked
devices) have completed their data-write or block-
erase operations This may result in a long inter-
rupt latency
2 A High-Performance mode that generates a low-
to-high (from busy-to-ready) transition after each
device becomes ready This provides the host
system with immediate notification that a specific
device’s operation has completed and that de-
vice may now be used This is particularly useful
in a file management application where a block
pair containing only deleted files is being erased
to free up space so new file data may be written
Enabling the HIGH-PERFORMANCE READY-BUSY
MODE requires a three step sequence
1 Set all bits in the READYBUSY MASK REGIS-
TER This prevents ready devices from triggering
an unwanted interrupt when step 3 is performed
2 Write 01H to the READY-BUSY MODE REGIS-
TER This sets the MODE bit
3 Write 01H to the READY-BUSY MODE REGIS-
TER This clears the RACK bit
The MODE and RACK bits
must be written in the
prescribed
sequence
not
simultaneously
The
card’s circuitry is designed purposely in this manner
to prevent an initial unwanted busy-to-ready tran-
sition Note that in Step 2 writing to the RACK bit is
a Don’t Care
When the High-Performance Mode is enabled spe-
cific READY-BUSY MASK bits must be cleared after
an operation is initiated on the respective devices
After each device becomes ready the RDYBSY
pin makes a low-to-high transition To catch the next
device’s completion of an operation the RACK bit
must be cleared by writing ‘‘01H’’ to the ReadyBusy
Mode Register
READY-BUSY MODE REGISTER
(ReadWrite Register)
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
4140H
RESERVED FOR FUTURE USE
RACK
MODE
MODE e READY-BUSY MODE
0 e PCMCIA MODE
1 e HIGH PERFORMANCE
RACK e READY ACKNOWLEDGE CLEAR TO
SET UP RDYBSY
PIN THEN CLEAR AFTER
EACH DEVICE BECOMES READY TO ACKNOWL-
EDGE TRANSITION
Figure 12 High Performance Ready-Busy Mode REGISTER (Intel)
Used to Trigger a Ready Interrupt for Each Device
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com