Electronic Components Datasheet Search
  English  ▼

X  

IMC010FLSA Datasheet(PDF) 22 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 22 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 18Page - Intel Corporation IMC010FLSA Datasheet HTML 19Page - Intel Corporation IMC010FLSA Datasheet HTML 20Page - Intel Corporation IMC010FLSA Datasheet HTML 21Page - Intel Corporation IMC010FLSA Datasheet HTML 22Page - Intel Corporation IMC010FLSA Datasheet HTML 23Page - Intel Corporation IMC010FLSA Datasheet HTML 24Page - Intel Corporation IMC010FLSA Datasheet HTML 25Page - Intel Corporation IMC010FLSA Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
290434 – 27
Bus
Command
x8 Mode
x16 Mode
Operation
Write
Suspend
Data e B0H
Data e B0B0H
Erase
Address e Desired
Address e Desired
Block to Erase
Block Pair to Erase
Suspend
Suspend
Read
Status Register
Status Register
Data Toggle OE
Data Toggle OE
or
CE1
or CE2
to
(CE1
and CE2 )
update Status
to update Status
Register
Register
Standby
Check SR Bit 7
Check SR Bit 7 and 15
1 e Ready
1 e Ready
0 e Busy
0 e Busy
Standby
Check SR Bit 6
Check SR Bit 6 and 14
1 e Suspended
1 e Suspended
0 e In Progress
0 e In Progress
Write
Rd Array
Data e FFH
Data e FFFFH
Cmd
Read
Read Data
Read Data
until finished
until finished
Write
Erase
Data e D0H
Data e D0D0H
Resume
Address e Valid
Address e Valid
Block Address
Block Pair Address
Figure 15 Erase SuspendResume Algorithm Allows Reads to Interrupt Erases
POWER CONSUMPTION
STANDBY MODE
In most applications software will only be accessing
one device pair at a time The Series 2 Card is de-
fined to be in the standby mode when one device
pair is in the Read Array Mode while the remaining
devices are in the Deep-Sleep Mode The Series 2
Card’s CE1
and CE2
input signals must also be
at VIH In standby mode much of the card’s circuitry
is shut off substantially reducing power consump-
tion Typical power consumption for a 20 Megabyte
Series 2 card in standby mode is 65 mA
SLEEP MODE
Writing a ‘‘1’’ to the PWRDWN bit of the GLOBAL
POWERDOWN REGISTER places all FlashFile
Memory devices into a Deep-Sleep mode This dis-
ables most of the 28F008SA’s circuitry and reduces
current consumption to 02 mA per device Addition-
ally when the host system pulls ASIC control logic
high and latches all address and data lines (ie not
toggling) the card’s total current draw is reduced to
approximately 5 mA (CMOS input levels) for a 20
Megabyte card On writing a ‘‘0’’ to the PWRDWN bit
(Global PowerDown Register) or any individual de-
vice pair (Sleep Control Register) a Deep-Sleep
mode
recovery
period
must
be
allowed
for
28F008SA device circuitry to power back on
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com