Electronic Components Datasheet Search
  English  ▼

X  

IMC010FLSA Datasheet(PDF) 17 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 17 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 13Page - Intel Corporation IMC010FLSA Datasheet HTML 14Page - Intel Corporation IMC010FLSA Datasheet HTML 15Page - Intel Corporation IMC010FLSA Datasheet HTML 16Page - Intel Corporation IMC010FLSA Datasheet HTML 17Page - Intel Corporation IMC010FLSA Datasheet HTML 18Page - Intel Corporation IMC010FLSA Datasheet HTML 19Page - Intel Corporation IMC010FLSA Datasheet HTML 20Page - Intel Corporation IMC010FLSA Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
COMMAND DEFINITIONS
Read Array (FFH)
Upon initial card power-up after exit from the Deep-
Sleep modes and whenever illegal commands are
given individual devices default to the Read Array
mode This mode is also entered by writing FFH into
the CUI In this mode microprocessor read cycles
retrieve array data Devices remain enabled for
reads until the CUI receives an alternate command
Once the internal WSM has started a block-erase or
data-write operation within a device that device will
not recognize the Read Array command until the
WSM has completed its operation (or the Erase Sus-
pend command is issued during erase)
Intelligent Identifier (90H)
After executing this command the intelligent identifi-
er values can be read Only address A0 of each de-
vice is used in this mode all other address inputs
are reserved and should be cleared to 0 (Manufac-
turer code e 89H for A0 e 0) (Device code e A2H
for A0 e 1) The device will remain in this mode
until the CUI receives another command
This information is useful by system software in de-
termining what type of flash memory device is con-
tained within the card and allows the correct match-
ing of device to write and erase algorithms System
software that fully utilizes the PCMCIA specification
will not use the intelligent identifier mode as this
data is available within the Card Information Struc-
ture (refer to section on PCMCIA Card Information
Structure)
Read Status Register (70H)
After writing this command a device read outputs
the contents of its Status Register regardless of the
address presented to that device The contents of
this register are latched on the falling edge of OE
CE1
(andor CE2 ) whichever occurs last in the
read cycle This prevents possible bus errors which
might occur if the contents of the Status Register
changed while reading its contents CE1
(and
CE2
for odd-byte or word access) or OE
must be
toggled with each subsequent status read or the
completion of a write or erase operation will not be
evident
This command is executable while the
WSM is operating however during a block-erase or
data-write operation reads from the device will auto-
matically return status register data Upon comple-
tion of that operation the device remains in the
Status Register read mode until the CUI receives
another command
The read Status Register command functions when
VPP e VPPL or VPPH
Clear Status Register (50H)
The Erase Status and Write Status bits may be set
to ‘‘1’’s by the WSM and can only be reset by the
Clear Status Register Command These bits indicate
various failure conditions By allowing system soft-
ware to control the resetting of these bits several
operations may be performed (such as cumulatively
writing several bytes or erasing multiple blocks in
sequence) The device’s Status Register may then
be polled to determine if an error occurred during
that sequence This adds flexibility to the way the
device may be used
Additionally the VPP Status bit (SR3) MUST be re-
set by system software (Clear Status Register com-
mand) before further block-erases are attempted
(after an error)
The Clear Status Register command functions when
VPP e VPPL or VPPH This command puts the device
in the Read Array mode
Write SetupWrite
A two-command sequence executes a data-write
operation After the system switches VPP to VPPH
the write setup command (40H) is written to the CUI
of the appropriate device followed by a second
write specifying the address and write data (latched
on the rising edge of WE ) The device’s WSM con-
trols the data-write and write verify algorithms inter-
nally After receiving the two-command write se-
quence the device automatically outputs Status
Register data when read (see Figure 13) The CPU
detects the completion of the write operation by an-
alyzing card-level or device-level indicators Card-
level indicators include the RDYBSY
pin and the
READY-BUSY STATUS REGISTER while device-
level indicators include the specific device’s Status
Register Only the Read Status Register command
is valid while the write operation is active Upon
completion of the data-write sequence (see section
on Status Register) the device’s Status Register re-
flects the result of the write operation The device
remains in the Read Status Register mode until the
CUI receives an alternate command
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com