Electronic Components Datasheet Search
  English  ▼

X  

IMC010FLSA Datasheet(PDF) 18 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 18 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 14Page - Intel Corporation IMC010FLSA Datasheet HTML 15Page - Intel Corporation IMC010FLSA Datasheet HTML 16Page - Intel Corporation IMC010FLSA Datasheet HTML 17Page - Intel Corporation IMC010FLSA Datasheet HTML 18Page - Intel Corporation IMC010FLSA Datasheet HTML 19Page - Intel Corporation IMC010FLSA Datasheet HTML 20Page - Intel Corporation IMC010FLSA Datasheet HTML 21Page - Intel Corporation IMC010FLSA Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
Erase SetupErase Confirm
Commands (20H)
Within a device a two-command sequence initiates
an erase operation on one device block at a time
After the system switches VPP to VPPH an Erase
Setup command (20H) prepares the CUI for the
Erase Confirm command (D0H) The device’s WSM
controls the erase algorithms internally After receiv-
ing the two-command erase sequence the device
automatically outputs Status Register data when
read (see Figure 14) If the command after erase
setup is not an Erase Confirm command the CR
sets the Write Failure and Erase Failure bits of the
Status Register places the device into the Read
Status Register mode and waits for another com-
mand The Erase Confirm command enables the
WSM for erase (simultaneously closing the address
latches for that device’s block (A16–A19) The CPU
detects the completion of the erase operation by an-
alyzing card-level or device-level indicators Card-
level indicators include the RDYBSY pin and the
READY-BUSY STATUS REGISTER while device-
level indicators include the specific device’s Status
Register Only the Read Status Register and Erase
Suspend command is valid during an active erase
operation Upon completion of the erase sequence
(see section on Status Register) the device’s Status
Register reflects the result of the erase operation
The device remains in the Read Status Register
mode until the CUI receives an alternate command
The two-step block-erase sequence ensures that
memory contents are not accidentally erased Erase
attempts while VPPL k VPPk VPPH produce spuri-
ous results and are not recommended Reliable
block erasure only occurs when VPP e VPPH Inthe
absence of this voltage memory contents are pro-
tected against erasure If block erase is attempted
while VPP e VPPL the VPP Status bit will be set to
‘‘1’’
When erase completes the Erase Status bit should
be checked If an erase error is detected the de-
vice’s Status Register should be cleared The CUI
remains in Read Status Register mode until receiv-
ing an alternate command
Erase Suspend (B0H)Erase Resume
(D0H)
Erase Suspend allows block erase interruption to
read data from another block of the device or to
temporarily conserve power for another system op-
eration Once the erase process starts writing the
Erase Suspend command to the CUI (see Figure 15)
requests the WSM to suspend the erase sequence
at a predetermined point in the erase algorithm In
the erase suspend state the device continues to
output Status Register data when read
Polling the device’s RYBY
and Erase Suspend
Status bits (Status Register) will determine when the
erase suspend mode is valid It is important to note
that the card’s RDYBSY
pin will also transition to
VOH and will generate an interrupt if this pin is con-
nected to a system-level interrupt At this point a
Read Array command can be written to the device’s
CUI to read data from blocks other than those
which are suspended
The only other valid com-
mands at this time are Read Status Register (70H)
and Erase Resume (D0H) If VPP goes low during
Erase Suspend the VPP Status bit is set in the
Status Register and the erase operation is aborted
The Erase Resume command clears the Erase Sus-
pend state and allows the WSM to continue with the
erase operation The device’s RYBY
Status and
Erase Suspend Status bits and the card’s READY-
BUSY Status Register are automatically updated to
reflect the erase resume condition The card’s RDY
BSY
pin also returns to VOL
InvalidReserved
These are unassigned commands having the same
effect as the Read Array command Do not issue
any command other than the valid commands speci-
fied above Intel reserves the right to redefine these
codes for future functions
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com