Electronic Components Datasheet Search
  English  ▼

X  

IMC010FLSA Datasheet(PDF) 32 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 32 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 28Page - Intel Corporation IMC010FLSA Datasheet HTML 29Page - Intel Corporation IMC010FLSA Datasheet HTML 30Page - Intel Corporation IMC010FLSA Datasheet HTML 31Page - Intel Corporation IMC010FLSA Datasheet HTML 32Page - Intel Corporation IMC010FLSA Datasheet HTML 33Page - Intel Corporation IMC010FLSA Datasheet HTML 34Page - Intel Corporation IMC010FLSA Datasheet HTML 35Page - Intel Corporation IMC010FLSA Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
COMMON AND ATTRIBUTE MEMORY AC CHARACTERISTICS Write Operations(1)
Symbol
Parameter
Notes
Min
Max
Unit
JEDEC
PCMCIA
tAVAV
tWC
Write Cycle Time
150
ns
tWLWH
tw (WE)
Write Pulse Width
80
ns
tAVWL
tsu (A)
Address Setup Time
20
ns
tAVWH
tsu (A-WEH)
Address Setup Time for WE
100
ns
tVPWH
tvps
VPP Setup to WE
Going High
100
ns
tELWH
tsu (CE-WEH)
Card Enable Setup Time for WE
100
ns
tDVWH
tsu (D-WEH)
Data Setup Time for WE
50
ns
tWHDX
th (D)
Data Hold Time
20
ns
tWHAX
trec (WE)
Write Recover Time
20
ns
tWHRL
WE
High to RDYBSY
120
ns
tWHQV1
Duration of Data Write Operation
6
m
s
tWHQV2
Duration of Block Erase Operation
03
sec
tQVVL
VPP Hold from Operation Complete
2
0
ns
tWHGL
th (OE-WE)
Write Recovery before Read
10
ns
tRHWL
Reset-PwrDwn Recovery to WE
Going Low
1
m
s
NOTES
1 Read timing characteristics during erase and data write operations are the same as during read-only operations Refer to
AC Characteristics for Read-Only operations
2 Refer to text on Data-Write and Block-Erase Operations
BLOCK ERASE AND DATA WRITE PERFORMANCE
Parameter
Notes
Min
Typ(3) Max Unit
Block Pair Erase Time(1)
2 4
11
10
sec
Block Pair Write Time
2 4
05
21
sec
ByteWord Write Time
4
48 ms6 ms3 ms
NOTES
1 Individual blocks can be erased 100000 times
2 Excludes System-Level Overhead
3 25 C 120 VPP
4 Monitor ReadyBusy Registers for the completion of a writeerase command
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com