Electronic Components Datasheet Search
  English  ▼

X  

IMC010FLSA Datasheet(PDF) 25 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 25 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 21Page - Intel Corporation IMC010FLSA Datasheet HTML 22Page - Intel Corporation IMC010FLSA Datasheet HTML 23Page - Intel Corporation IMC010FLSA Datasheet HTML 24Page - Intel Corporation IMC010FLSA Datasheet HTML 25Page - Intel Corporation IMC010FLSA Datasheet HTML 26Page - Intel Corporation IMC010FLSA Datasheet HTML 27Page - Intel Corporation IMC010FLSA Datasheet HTML 28Page - Intel Corporation IMC010FLSA Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
Tuple
Value
Description
Address
00H
01H
CISTPL
DEV
02H
03H
TPL
LINK
04H
53H
DEVICE
INFO e
FLASH 150 ns
52H
DEVICE
INFO e
FLASH 200 ns
CARD SIZE
06H
06H
2M
0EH
4M
26H
10M
4EH
20M
08H
FFH
END OF
DEVICE
0AH
1EH
CISTPL
DEVICEGEO
0CH
06H
TPL
LINK
0EH
02H
DGTPL
BUS
10H
11H
DGTPL
EBS
12H
01H
DGTPL
RBS
14H
01H
DGPL
WBS
16H
03H
DGTPL
PART
18H
01H
FL
DEVICE
INTERLEAVE
1AH
18H
CISTPL
JEDEC
1CH
02H
TPL
LINK
1EH
89H
INTEL J-ID
20H
A2H
28F008 J-ID
22H
15H
CISTPL
VER1
24H
50H
TPL
LINK
26H
04H
TPLLV1
MAJOR
28H
01H
TPLLV1
MINOR
2AH
69H
TPLLV1 INFO
i
2CH
6EH
n
2EH
74H
t
30H
65H
e
Tuple
Value
Description
Address
32H
6CH
l
34H
00H
END TEXT
36H
53H
S
38H
45H
E
3AH
52H
R
3CH
49H
I
3EH
45H
E
40H
53H
S
42H
32H
2
44H
2DH
46H
30H
2M e 0
30H
4M e 0
31H
10M e 1
32H
20M e 2
48H
32H
2M e 2
34H
4M e 4
30H
10M e 0
30H
20M e 0
4AH
20H
SPACE
4CH
00H
END TEXT
4EH
32H
CARD TYPE 2
50H
41H
A e 2M 150 ns
42H
B e 4M 150 ns
45H
E e 10M 150 ns
5AH
Z e 20M 150 ns
48H
H e 2M 200 ns
49H
I e 4M 200 ns
4CH
L e 10M 200 ns
4FH
O e 20M 200 ns
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com