Electronic Components Datasheet Search
  English  ▼

X  

IMC010FLSA Datasheet(PDF) 23 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 23 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 19Page - Intel Corporation IMC010FLSA Datasheet HTML 20Page - Intel Corporation IMC010FLSA Datasheet HTML 21Page - Intel Corporation IMC010FLSA Datasheet HTML 22Page - Intel Corporation IMC010FLSA Datasheet HTML 23Page - Intel Corporation IMC010FLSA Datasheet HTML 24Page - Intel Corporation IMC010FLSA Datasheet HTML 25Page - Intel Corporation IMC010FLSA Datasheet HTML 26Page - Intel Corporation IMC010FLSA Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
SYSTEM DESIGN CONSIDERATIONS
POWER SUPPLY DECOUPLING
Flash memory power-switching characteristics re-
quire careful device decoupling System designers
are interested in three supply current issuesstand-
by active and transient current peaks produced by
rising and falling edges of CE1
and CE2
The
capacitive and inductive loads on the card and inter-
nal flash memory device pairs determine the magni-
tudes of these peaks
The Flash Memory Card features on-card ceramic
decoupling capacitors connected between VCC and
GND and between VPP1 VPP2 and GND to help
transient voltage peaks
On the host side the card connector should also
have a 47 mF electrolytic capacitor between VCC
and GND as well as between VPP1 VPP2 and GND
The bulk capacitors will overcome voltage slumps
caused by printed-circuit-board trace inductance
and will supply charge to the smaller capacitors as
needed
POWER UPDOWN PROTECTION
Each device in the Flash Memory Card is designed
to offer protection against accidental erasure or writ-
ing caused by spurious system-level signals that
may exist during power transitions The card will
power-up into the Read Array Mode
A system designer must guard against active writes
for VCC voltages above VLKO when VPP is active
Since both WE
and CE1
(andor CE2 ) must be
low for a command write driving either to VIH will
inhibit writes With its Command User Interface al-
teration of device contents only occurs after suc-
cessful completion of the two-step command se-
quences
While these precautions are sufficient for most appli-
cations an alternative approach would allow VCC to
reach its steady state value before raising VPP1
VPP2 above VCC a 20V In addition upon power-
ing-down VPP1 VPP2 should be below VCC a 20V
before lowering VCC
HOT INSERTIONREMOVAL
The capability to remove or insert PC cards while the
system is powered on (ie
hot insertionremoval)
requires careful design approaches on the system
and card levels To design for this capability consid-
er card overvoltage stress system power droop and
control line stability
A PCMCIAJEIDA specified socket properly se-
quences the power supplies to the flash memory
card via shorter and longer pins This assures that
hot insertion and removal will not result in card dam-
age or data loss
PCMCIA CARD INFORMATION
STRUCTURE
The Card Information Structure (CIS) starts at ad-
dress zero of the card’s Attribute Memory Plane It
contains a variable-length chain of data blocks (tu-
ples) that conform to a basic format as shown in
Table 5 This section describes each tuple contained
within the Series 2 Flash Memory Card
The Device Information Tuple
This tuple (CISTPL
DEV e 01H) contains informa-
tion pertaining to the card’s speed and size The Se-
ries 2 Card is offered with a 150 nanosecond access
time Card sizes range between 2 and 20 Mega-
bytes
Table 5 Tuple Format
Bytes
Data
0
Tuple Code CISTPL
xxx The tuple code 0FFH indicates no more tuples in the list
1
Tuple Link TPL
LlNK Link to the next tuple in the list This can be viewed as the number of
additional bytes in tuple excluding this byte If the link field is zero the tuple body is empty If the
link field contains 0FFH this tuple is the last tuple in the list
2bn
Bytes specific to this tuple
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com